Electronic Components Datasheet Search
  English  ▼

X  

SLAXXXAFAR Datasheet(PDF) 3 Page - Automatic Timing & Controls, Inc.

Part # SLAXXXAFAR
Description  Phase Monitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

SLAXXXAFAR Datasheet(HTML) 3 Page - Automatic Timing & Controls, Inc.

  SLAXXXAFAR Datasheet HTML 1Page - Automatic Timing & Controls, Inc. SLAXXXAFAR Datasheet HTML 2Page - Automatic Timing & Controls, Inc. SLAXXXAFAR Datasheet HTML 3Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
175
Diversified Electronics
800.727.5646
atcdiversified.com
ORDERING INFORMATION
MODEL
NUMBER
OPERATING
VOLTAGE
TYPE OF
ADJUSTMENT
DROP-OUT VOLTAGE
AGENCY
APPROVAL
OUTPUT RATINGS
1 Ø LOW
3 Ø LOW
SLA-120-ALA
95-130 Adj
Lock Shaft
79-108
85-117
—
DPDT, 345 VA Inductive; 10 Amps
Resistive @ 240 VAC. Figure 2
SLA-120-ASA
Screwdriver
SPDT, 345 VA Inductive; 10 Amps
Resistive @ 240 VAC, Figure 1
SLA-120-ASB
SPDT, 345 VA Inductive; 10 Amps
Resistive @ 240 VAC, Figure 3
SLA-230-ALA
190-270 Adj.
Lock Shaft
158-224
171-243
DPDT, 345 VA Inductive; 10 Amps
Resistive @ 240 VAC, Figure 2
SLA-230-ASA
Screwdriver
SPDT, 345 VA Inductive; 10 Amps
Resistive @ 240 VAC, Figure 1
SLA-230-ASB
SPDT, 345 VA Inductive; 10 Amps
Resistive @ 240 VAC, Figure 3
SLA-380-ASA
350-440 Adj.
290-365
315-396
—
SPDT, 360 VA Inductive; 10 Amps
Resistive @ 240 VAC, Figure 1
SLA-440-ASA
430-480 Adj.
357-398
387-432
SUA-120-ALA
95-130 Adj.
Lock Shaft
79-108
85-117
SPDT, 345 VA Inductive; 10 Amps
Resistive @ 240 VAC, Figure 1
SUA-120-ALAU*
SUA-230-ALA
190-270 Adj.
158-224
171-243
SUA-230-ALAU*
SUA-380-ASA
350-440 Adj.
Screwdriver
290-365
315-396
SPDT, 10 Amps
Resistive @ 240 VAC, Figure 1
SUA-440-ASA
430-480 Adj.
357-398
387-432
*UL Listed only when used with RB-08 relay socket; 5 Amps Resistive @ 240 VAC. All voltages referenced on this page are phase-to-phase.
Models also available with fixed operating voltages. Consult factory.
MODEL
NUMBER
OPERATING
VOLTAGE
DROP-OUT VOLTAGE
RESET
AGENCY
APPROVAL
OUTPUT RATINGS
1 Ø LOW
3 Ø LOW
SLA-120-ALE
95-130 Adj.
79-108
85-117
Automatic
DPDT, 211 VA Inductive; 10 Amps
Resistive @ 120 VAC. Figure 4
SLA-120-ALER
Manual
DPDT, 211 VA Inductive; 10 Amps
Resistive @ 120 VAC. Figure 4
SLA-230-ALE
190-270 Adj.
158-224
171-243
Automatic
DPDT, 345 VA Inductive; 5 Amps
Resistive @ 240 VAC. Figure 4
SLA-230-ALER
Manual
DPDT, 345 VA Inductive; 5 Amps
Resistive @ 240 VAC. Figure 4
SLA-380-ALE
350-440 Adj.
290-365
315-396
Automatic
DPDT, 360 VA Inductive; 3 Amps
Resistive @ 600 VAC. Figure 4
SLA-380-ALER
Manual
SPDT, 360 VA Inductive; 3 Amps
Resistive @ 600 VAC. Figure 5
SLA-440-ALE
430-480 Adj.
357-398
387-432
Automatic
DPDT, 360 VA Inductive; 3 Amps
Resistive @ 600 VAC. Figure 4
SLA-440-ALER
Manual
SPDT, 360 VA Inductive; 3 Amps
Resistive @ 600 VAC. Figure 5
SLA-575-ALE
525-625 Adj.
436-519
473-563
Automatic
DPDT, 360 VA Inductive; 3 Amps
Resistive @ 600 VAC. Figure 4
All voltage referenced are phase-to-phase.—Models also available with fixed operating voltages. Consult factory.
MODEL
NUMBER
OPERATING
VOLTAGE
TYPE OF OPERATION
DROP-OUT VOLTAGE
AGENCY
APPROVAL
1 Ø LOW
3 Ø LOW
SLA-120-AFN
120
Fixed
100
108
SLA-208-AFN
208
Fixed
173
187
SLA-220-AFN
220
Fixed
183
198
SLA-240-AFN
240
Fixed
199
216
SPDT 180VA @ 120VAC; 72VA @ 24VAC; All voltage referenced are phase-to-phase.
SPDT 180 va @ 120 vac, 72 va @ 24 vac.
STYLE A PLUG-IN
STYLE E SURFACE MOUNTED ENCLOSURE
STYLE N EPOXY ENCAPSULATED
—
—
IND. CONT. EQ 496Y
IND. CONT. EQ 496Y
IND. CONT. EQ 496Y
IND. CONT. EQ 496Y
IND. CONT. EQ 496Y
IND. CONT. EQ 496Y
IND. CONT. EQ 496Y
IND. CONT. EQ 496Y
IND. CONT. EQ 496Y
IND. CONT. EQ 496Y
IND. CONT. EQ 496Y
IND. CONT. EQ 496Y
Diversified Electronics
800.727.5646
atcdiversified.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com