Electronic Components Datasheet Search
  English  ▼

X  

SLH Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # SLH
Description  Phase, Under Voltage Monitor with Adjustable Hysteresis
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

SLH Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  SLH Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
182
Diversified Electronics
800.727.5646
atcdiversified.com
MODEL
PICK UP
RESPONSE TIMES
OUTPUT
NUMBER
VOLTAGE
OPERATE
RELEASE
RATING
SLH-120-ALE
95-130 V. Adj.
80 m. SEC
0.5 SEC
3 VA
SLH-230-ALE
190-270 V. Adj.
150 m. SEC
0.5 SEC
3 VA
SLH-440-ALE
430-480 V. Adj.
1.0 SEC
2.0 SEC
7 VA
All voltage referenced are phase-to-phase.
OPERATING
See Table Below
VOLTAGE
POWER
See Table Below
REQUIRED
RESET
Automatic
PHASE SEQUENCE ABC (Will Not Operate CBA)
HYSTERESIS
Models Up to
Adjustable, 0% to 10%
300 VAC
Below Pick-up
Models Over
Adjustable, 0% to 15%
300 VAC
Below Pick-up
OUTPUT RATING Models Up to
DPDT, 10 Amps @ 120 VAC,
300 VAC
Resistive; 211 VA @
120 VAC, Inductive
Models Over
DPDT, 5 Amps @ 240 VAC,
300 VAC
Resistive; 345 VA
@ 240 VAC, Inductive
TERMINATIONS
(12) #8-32 Screw Terminals
INDICATORS LED Glows when all conditions are normal
RESPONSE TIMES See table below
TEMPERATURE
Operate
32° to +131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
WEIGHT
14 oz.
The SLH Series is designed to protect equipment against PHASE LOSS
(single phasing), UNDER VOLTAGE (brown outs), and PHASE
REVERSAL (improper sequence).
When correct phase sequence and line voltage are present, the internal
relay of the SLH will energize (PICK UP). When there is a phase loss,
under voltage or phase reversal condition, the internal relay will de-
energize (DROP-OUT). When conditions return to normal, the SLH will
automatically reset.
The SLH is unique in that it has a field-adjustable hysteresis. The volt-
age setting is adjusted to the desired pick-up point indicated by the dial
setting. Then, the hysteresis adjustment is set to the desired percentage
to achieve the preferred drop-out point. When models up to 300 VAC
are set at 0%, they will pick-up and drop-out at the same point, when
set at 10%, the drop-out will be an average of the phase-to-phase volt-
ages 10% below the dial setting pick-up point. Models over 300 VAC are
adjustable from 0% to 15%.
The SLH is available in the standard voltage ranges (see table below). It
has an LED indicator that glows when all conditions are normal. The SLH
Series is UL Listed under UL File Number E55826.
OPERATION
SPECIFICATIONS
Phase, Under Voltage Monitor
with Adjustable Hysteresis
IND. CONT. EQ.
496Y
DIMENSIONS (INCHES)
WIRING


Similar Part No. - SLH

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
SLH-16-1 RICHCO-SLH-16-1 Datasheet
31Kb / 1P
SINGLE LIVING HINGE
logo
Rohm
SLH-56MG3F ROHM-SLH-56MG3F Datasheet
113Kb / 5P
Light Emitting diode
SLH-56VR3F ROHM-SLH-56VR3F Datasheet
101Kb / 4P
VISUAL LIGHT EMITTING DIODES
SLH-56YY3F ROHM-SLH-56YY3F Datasheet
604Kb / 12P
VISUAL LIGHT EMITTING DIODES
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
SLH Single and Dual DC-DC Converters
More results

Similar Description - SLH

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2778 MICREL-MIC2778 Datasheet
65Kb / 8P
Voltage Monitor with Adjustable Hysteresis Preliminary Information
MIC2779 MICREL-MIC2779 Datasheet
52Kb / 8P
Voltage Monitor with Adjustable Hysteresis Preliminary Information
logo
Texas Instruments
TPS3806J20 TI-TPS3806J20 Datasheet
169Kb / 9P
DUAL VOLTAGE DETECTOR WITH ADJUSTABLE HYSTERESIS
logo
Power Integrations, Inc...
DI-101 POWERINT-DI-101 Datasheet
240Kb / 2P
Under-Voltage with Wide Hysteresis
logo
Micrel Semiconductor
MIC2778 MICREL-MIC2778_05 Datasheet
169Kb / 6P
Voltage Monitor with Adjustable Hysteresis
MIC2779 MICREL-MIC2779_06 Datasheet
148Kb / 6P
Voltage Monitor with Adjustable Hysteresis
logo
Texas Instruments
TPS3806I33-Q1 TI1-TPS3806I33-Q1 Datasheet
790Kb / 15P
Dual Voltage Detector With Adjustable Hysteresis
TPS3806J20 TI1-TPS3806J20_15 Datasheet
588Kb / 14P
Dual Voltage Detector with Adjustable Hysteresis
TPS3806J20 TI1-TPS3806J20_16 Datasheet
805Kb / 14P
Dual Voltage Detector with Adjustable Hysteresis
logo
Maxim Integrated Produc...
MAX9601EVKIT MAXIM-MAX9601EVKIT Datasheet
2Mb / 6P
Adjustable Hysteresis
Rev 0; 12/09
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com