Electronic Components Datasheet Search
  English  ▼

X  

SLAXXXASBU Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # SLAXXXASBU
Description  Phase Monitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

SLAXXXASBU Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  SLAXXXASBU Datasheet HTML 1Page - Automatic Timing & Controls, Inc. SLAXXXASBU Datasheet HTML 2Page - Automatic Timing & Controls, Inc. SLAXXXASBU Datasheet HTML 3Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
173
Diversified Electronics
800.727.5646
atcdiversified.com
Phase Monitors
The ATC Diversified SLA Series is designed to protect 3-phase equipment
against PHASE LOSS, UNDER VOLTAGE, and PHASE REVERSAL conditions.
With normal operating voltages applied in the proper ABC sequence, the
internal relay will energize (PICK-UP). When incorrect phase sequence
or phase loss occurs or the three-phase voltages fall below the drop out
voltages, the relay will de-energize (DROP-OUT). On models featuring
indicators, the LED glows when all line conditions are normal.
Both Delta and Wye systems may be monitored. In Wye systems,
connections to neutral are NOT required.
For UL Listed units, with field wiring terminals, copper wire with 60°/75°C
rating must be used for control circuitry connections.
NOTE: When a phase is lost while the motor is running, a condition known
as regeneration occurs where a voltage is induced into the open phase
nearly equal in magnitude to the normal phase-to-phase voltage. However,
with the exception of lightly loaded motors, enough change is detected by
the SLA to provide the required protection when properly adjusted. The
SLA Series is UL Listed under file Number E55826.
DROP OUT
1 Ø Low
83% of Nominal
VOLTAGE
3 Ø Low
90% of Nominal
RESPONSE TIMES Models Up to 300 VAC
STYLE "A" & "E" Operate
250 mSEC
Release
0.5 SEC
Models Over 300 VAC
Operate
1.0 SEC
Release
2.0 SEC
RESPONSE TIMES
Operate
60 mSEC
STYLE "N"
Release
0.5 SEC
POWER
Style "A"
3 VA (approximately)
REQUIRED
Style "E"
Models up to 300 VAC: 3 VA (max.)
Models over 300 VAC: 7 VA (max.)
Models up to 500 VAC: 3 VA (max.)
Style "N"
3 VA (max.)
OPERATING
See Ordering Information
VOLTAGE
RESET
Automatic (Manual Optional)
INDICATOR LED
Glows when all conditions are Normal
(On Applicable Models)
OUTPUT
SPDT (Style "A" and "N")
RATING
DPDT (Style "E")
PHASE SEQUENCE ABC (Will not Operate CBA)
TEMPERATURE
Operate
32 to +131 F (0 to +55C)
RATING
Storage
-49 to 185 F (-45 to +85 C)
U.S. PATENT
3,611,050
NUMBER
WEIGHT
Style “A”
NET:2.24 oz Shipping: 2.56 oz
Style “N”
NET:4.8 oz Shipping: 5.76 oz.
Style “E”
NET:5.3 oz Shipping: 5.6 oz
SPECIFICATIONS
IND. CONT. EQ.
496Y
MODEL NUMBER
MODEL NUMBER
SLA
A
OPERATING VOLTAGE
See Ordering Information
XXX
TYPE OF OPERATION
Fixed
F
Lock Shaft Adjusted
L
Screwdriver Adjusted
S
ENCLOSURE STYLE
Octal Plug-In Dust Cover
A
Blad Plug-In, Dust Cover
B
Surface Mounted, #8 Screw Terminals
E
Surface Mounted, 1/4" Quick Disconnect Terminals
N
OPTIONS
Add R Suffix when manual reset is required,
R
(Available only in Style "E" Enclosure)
Plug-In models are UL Listed only when used with
U
RB-08 socket.
• Available up to 480 VAC
(625 VAC with "E" style)
• Delta or Wye Systems
• Fixed, Lock Shaft, or Screwdriver
Adjustments
• Several Enclosure Styles
TYPICAL APPLICATIONS
• Air Handlers
• Computer Power Protection
• Conveyor Drive
• Water Waste & Sewage Machinery
• Oil & Gas Pumps
• Sawmill & Woodpump Machinery
• Power Substation
• Automatic Transfer Switching for
Monitoring Emergency Power
Supplies
PROTECTS 3-PHASE EQUIPMENT
AGAINST:
• Phase Loss
• Under Voltage
• Phase Reversal
• Irrigation Pumps
• Lift Station Pumps
• Robotics Equipment
• Elevator Drives
• Commercial/Industrial Air
Conditioning & Refrigeration
Compressors
Style "A"
Style "N"
Style "E"


Similar Part No. - SLAXXXASBU

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SLA MACOM-SLA Datasheet
399Kb / 4P
SLA Series ??Cabinets and Signal/Data/Control Filters
logo
Surge Components
SLA SURGE-SLA Datasheet
485Kb / 1P
rohs compliance
logo
Ningbo songle relay co....
SLA SONGLERELAY-SLA Datasheet
3Mb / 2P
Miniature volume, PCB usage
logo
Sanyou Corporation Limi...
SLA SANYOU-SLA Datasheet
98Kb / 4P
Miniature High Power Relay
logo
Sensata Technologies, I...
SLA SENSATA-SLA Datasheet
196Kb / 3P
35 TO 150 AMP COMMERCIAL THERMAL CIRCUIT BREAKER
More results

Similar Description - SLAXXXASBU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34161 ONSEMI-MC34161 Datasheet
364Kb / 16P
Universal Voltage Monitors
April, 2000 ??Rev. 2
logo
Vishay Siliconix
GS809C VISHAY-GS809C Datasheet
45Kb / 6P
Microprocessor Reset Monitors
01-Nov-02
logo
Allen-Bradley
CU2 ALLEN-BRADLEY-CU2 Datasheet
112Kb / 4P
Stop Motion Monitors
logo
OPLINK Communications I...
ITMSMM OPLINK-ITMSMM Datasheet
218Kb / 2P
Integrated Tap Monitors
logo
ON Semiconductor
S2067TB ONSEMI-S2067TB Datasheet
227Kb / 18P
Universal Voltage Monitors
December, 2008 ??Rev. 11
S10122PBIB ONSEMI-S10122PBIB Datasheet
227Kb / 18P
Universal Voltage Monitors
December, 2008 ??Rev. 11
S1220PBID ONSEMI-S1220PBID Datasheet
227Kb / 18P
Universal Voltage Monitors
December, 2008 ??Rev. 11
logo
Linear Technology
LTC6804-1 LINER-LTC6804-1_15 Datasheet
927Kb / 74P
Multicell Battery Monitors
logo
ON Semiconductor
MC34161 ONSEMI-MC34161_15 Datasheet
190Kb / 18P
Universal Voltage Monitors
November, 2015 ??Rev. 13
logo
Analog Devices
ADBMS2950 AD-ADBMS2950 Datasheet
231Kb / 2P
Battery Pack Monitors
Rev. SpA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com