Electronic Components Datasheet Search
  English  ▼

X  

TPD7101F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPD7101F
Description  2 channel High-Side N-ch Power MOSFET Gate Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD7101F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPD7101F Datasheet HTML 1Page - Toshiba Semiconductor TPD7101F Datasheet HTML 2Page - Toshiba Semiconductor TPD7101F Datasheet HTML 3Page - Toshiba Semiconductor TPD7101F Datasheet HTML 4Page - Toshiba Semiconductor TPD7101F Datasheet HTML 5Page - Toshiba Semiconductor TPD7101F Datasheet HTML 6Page - Toshiba Semiconductor TPD7101F Datasheet HTML 7Page - Toshiba Semiconductor TPD7101F Datasheet HTML 8Page - Toshiba Semiconductor TPD7101F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TPD7101F
2006-10-31
3
Pin Description
Pin No.
Symbol
Pin Description
1
CP2
−
Negative side connecting pin for the charge pump’s second capacitor
2
CP 1
−
Negative side connecting pin for the charge pump’s first capacitor
3
CP1
+
Positive side connecting pin for the charge pump’s first capacitor
4
CP2
+
Positive side connecting pin for the charge pump’s second capacitor
5
CPV
+
Positive side connecting pin for the charge pump’s third capacitor: Although about three times the
VDD voltage is generated, it is limited to about 28 V by a voltage clamping circuit.
6
N.C.
⎯
7
VGS1
External power MOSFET gate drive pin for ch1: This pin controls the external power MOSFET. Also,
when overcurrent flows in the external power MOSFET, it shuts down the gate and is latched. It is
unlatched by a low on-input.
8
Vsense1
External power MOSFET monitor pin for ch1: Overcurrent is detected by comparing the difference
between this and the VDD2 pin with the reference voltage.
9
VGS2
External power MOSFET gate drive pin for ch2: This pin controls the external power MOSFET. Also,
when overcurrent flows in the external power MOSFET, it shuts down the gate and is latched. It is
unlatched by a low on input.
10
Vsense2
External power MOSFET monitor pin for ch2: Overcurrent is detected by comparing the difference
between this and the VDD2 pin with the reference voltage.
11
GND
Ground pin : shared internally with pin 12.
12
GND
Shared internally with pin 11.
13
IN2
Input pin for ch2 (active high) : This pin has a pull-down resistor (100 k
Ω typ.), so that even when it is
open-circuited, output will not turn on inadvertently.
14
IN1
Input pin for ch1 (active high) : This pin has a pull-down resistor (100 k
Ω typ.), so that even when it is
open-circuited, output will not turn on inadvertently.
15
DIAG2-1
Diagnostic output pin for ch2 (N-ch open-drain): When the overcurrent condition is detected, its output
goes low. Also, when overcurrent is detected, it remains latched until the next rising edge of input.
16
DIAG2-2
Diagnostic output pin for ch2 (N-ch open-drain): By comparing the voltage between VDD2 and
Vsense2 pins with the set overcurrent level, it outputs external power MOSFET on / off state.
17
DIAG1-1
Diagnostic output pin for ch1 (N-ch open-drain): When overcurrent condition is detected, its output
goes low; in this case, it also remains latched until the next rising edge of input.
18
DIAG1-2
Diagnostic output pin for ch1 (N-ch open-drain): By comparing the voltage between VDD2 and
Vsense1 pins with the set overcurrent level, it outputs external power MOSFET on / off state.
19
ENB
Chip inhibit pin (active low): By driving this pin high, all outputs can be turned off regardless of input
signals. This pin has a pull-up resistor (100 k
Ω typ.).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com