Electronic Components Datasheet Search
  English  ▼

X  

TPS601AF Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPS601AF
Description  Lead(Pb)-Free Photoelectric Counter Position Detection Various Kinds Of Readers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS601AF Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPS601AF Datasheet HTML 1Page - Toshiba Semiconductor TPS601AF Datasheet HTML 2Page - Toshiba Semiconductor TPS601AF Datasheet HTML 3Page - Toshiba Semiconductor TPS601AF Datasheet HTML 4Page - Toshiba Semiconductor TPS601AF Datasheet HTML 5Page - Toshiba Semiconductor TPS601AF Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TPS601A(F)
2007-10-01
3
Fig.1 Switching time test circuit
Output
RL
R
Input
TLN108(F)
(GaAs LED)
Input pulse
Output pulse
0
0
tr
90%
10%
tf
VCC
PC – Ta
Ambient temperature Ta (°C)
0
40
120
160
200
80
0
40
80
120
160
ID – Ta
(typ.)
Ambient temperature Ta (°C)
VCE = 30 V
E = 0
0
10
-2
160
120
80
40
10
10
-4
10
-3
10
-1
1
10
2
0.1
IL – E
(typ.)
0.1
0.3
1
3
10
30
3
0.3
0.5
10
30
5
50
1
Radiant incidence E (mW/cm
2)
VCE = 3V
Ta = 25°C
Color Temperature=2870K
Spectral Response
(typ.)
Wavelength λ (nm)
1
400
1000
800
600
30
3
5
100
50
200
10
1200
Ta = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com