Electronic Components Datasheet Search
  English  ▼

X  

TPS601A Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPS601A
Description  Lead(Pb)-Free Photoelectric Counter Position Detection Various Kinds Of Readers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS601A Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPS601A Datasheet HTML 1Page - Toshiba Semiconductor TPS601A Datasheet HTML 2Page - Toshiba Semiconductor TPS601A Datasheet HTML 3Page - Toshiba Semiconductor TPS601A Datasheet HTML 4Page - Toshiba Semiconductor TPS601A Datasheet HTML 5Page - Toshiba Semiconductor TPS601A Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TPS601A(F)
2007-10-01
4
(Ta = 25°C)
Relative sensitivity
Radiation Angle
1.0
0
0.2
0.4
0.6
0.8
50
°
60
°
70
°
80
°
90
°
40
°
50
°
60
°
70
°
80
°
90
°
10
°
20
°
30
°
40
°
30
°
20
°
10
°
0
°
Directional Sensitivity Characteristic
(typ.)
Frequency Characteristics
(typ.)
Frequency f (kHz)
-20
1
10
100
300
1000
12
0
-4
-8
-12
-16
4
30
8
1200
VCC = 5V
Ta = 25℃
Light source = TLN108(F)
(GaAs LED)
1k
Ω
500
Ω
RL=100Ω
Switching Characteristics
(typ.)
Collector current IC (mA)
3
5
10
50
100
30
200
1
0.1
0.3
1
3
10
0.02
td (RL=10kΩ)
td (RL=100Ω, 1kΩ)
tf (RL=100Ω)
tr (RL=100Ω)
tr (RL=10kΩ)
tr (RL=1kΩ)
tf (RL=1kΩ)
tf (RL=10kΩ)
90%
10%
Ta=25°C
td
Input
pulse
Output
pulse
VCC
10V
Output
RL
TLN108(F)
(GaAs LED)
Input
tr
tf
R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com