Electronic Components Datasheet Search
  English  ▼

X  

TPS615F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPS615F
Description  Silicon NPN Epitaxial Planar
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS615F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPS615F Datasheet HTML 1Page - Toshiba Semiconductor TPS615F Datasheet HTML 2Page - Toshiba Semiconductor TPS615F Datasheet HTML 3Page - Toshiba Semiconductor TPS615F Datasheet HTML 4Page - Toshiba Semiconductor TPS615F Datasheet HTML 5Page - Toshiba Semiconductor TPS615F Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TPS615(F)
2007-10-01
3
Fig. 1 Switching Time Test Circuit
Output
RL
VCC
R
Input
TLN119(F)
Input pulse
0
Output pulse
0
90%
10%
tf
tr
ID – Ta
(typ.)
Ambient temperature Ta (°C)
VCE = 24V
E = 0
1
10
-3
0
20
60
40
80
100
10
-2
10
-1
PC – Ta
Ambient temperature Ta (°C)
0
0
20
40
60
80
100
80
60
40
20
IL - E
(typ.)
Radiant incidence E (mW/cm
2)
500
2
0.05
0.01
1
0.3
0.1
0.03
5
10
30
50
100
0.5
300
VCE = 3 V
Ta = 25°C
Color
Temperature
= 2870K
IL - VCE
(typ.)
Collector-emitter voltage VCE (V)
0
500
400
300
200
100
0
2
4
6
8
10
Ta = 25°C
E=0.1mW/cm
2
0.6
0.5
0.4
0.3
0.2
TPS615(F)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com