Electronic Components Datasheet Search
  English  ▼

X  

TPS830F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPS830F
Description  Si Monolithic Photo−IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS830F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPS830F Datasheet HTML 1Page - Toshiba Semiconductor TPS830F Datasheet HTML 2Page - Toshiba Semiconductor TPS830F Datasheet HTML 3Page - Toshiba Semiconductor TPS830F Datasheet HTML 4Page - Toshiba Semiconductor TPS830F Datasheet HTML 5Page - Toshiba Semiconductor TPS830F Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TPS830(F)
2007-10-01
5
Relative L – Ta
(typ.)
Ambient temperature Ta (°C)
0
1.2
−40
−20
0
20
40
60
1.0
0.8
0.6
0.4
0.2
80
VCC = 5 V
ICC – Ta
(typ.)
Ambient temperature Ta (°C)
1.6
0
−50
−25
0
25
50
75
1.4
1.2
1.0
0.8
0.6
0.4
0.2
100
ICCL
ICCH
VCC = 5 V
Radiation Pattern
Characteristics
(typ.)
Relative transmission range
Radiation angle
Vertical
(Ta = 25°C)
0
0.2
0.4
0.6
0.8
1.0
0°
10°
20°
30°
40°
50°
60°
70°
80°
90°
10°
20°
30°
40°
50°
60°
70°
80°
90°
Radiation Pattern
Characteristics
(typ.)
Relative transmission range
Radiation angle
Horizontal
(Ta = 25°C)
0
0.2
0.4
0.6
0.8
1.0
0°
10°
20°
30°
40°
50°
60°
70°
80°
90°
10°
20°
30°
40°
50°
60°
70°
80°
90°
Carrier Frequency
Characteristics
(typ.)
Frequency (kHz)
f0 − 60
0
−1
−2
−3
−4
−5
f0 − 40 f0 − 20
f0 + 20 f0 + 40 f0 + 60
f0
Spectral Response
(typ.)
Wave length λ (nm)
1.0
0
500
1000
1200
800
600
0.2
0.8
0.6
0.4
700
1100
900



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com