Electronic Components Datasheet Search
  English  ▼

X  

TPS830 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPS830
Description  Si Monolithic Photo−IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS830 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPS830 Datasheet HTML 1Page - Toshiba Semiconductor TPS830 Datasheet HTML 2Page - Toshiba Semiconductor TPS830 Datasheet HTML 3Page - Toshiba Semiconductor TPS830 Datasheet HTML 4Page - Toshiba Semiconductor TPS830 Datasheet HTML 5Page - Toshiba Semiconductor TPS830 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TPS830(F)
2007-10-01
2
Optical And Electrical Characteristics (VCC = 5V, Ta = 25°C, C = 1000pF: Note 1)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Supply voltage
VCC
―
3
5
7
V
Supply current
ICC
E = 0
―
1.2
3
mA
Electromagnetic sensitivity
ES
(Note 5)
―
250
―
Vp−p / m
Transmission range
L (Note 3)
3
6
―
m
High
−level output voltage
VOH
4
―
―
V
Low
−level output voltage
VOL
―
―
0.5
V
On pulse width
TON
16
25
40
μs
Off pulse width
TOFF
The burst wave shown in Note
4 is transmitted by a standard
transmitter (Note 2).
External light intensity < 500 lx
Output current < 10μA
―
63
―
μs
Carrier frequency
fo
―
―
455
―
kHz
Peak sensitivity wavelength
λP
―
―
900
―
nm
θH
Horizontal angle, L / 2
(Note 6)
±55
±63
―
°
Radiation angle
θV
Vertical angle, L / 2
(Note 6)
±25
±30
―
°
Note 1: Measurements for the TPS830(F) are based on a standard circuit which includes a 1000
−pF capacitor
between VO and GND to prevent oscillation.
Note 2: Standard transmitter
In the figure above, the transmitter output VOUT is 80m Vpp.
The TPS703(F) in this application has a short
−circuit current of Isc = 1.24μA when measured at E =
0.1mW/cm2. (E is the radiant incidence when a CIE standard light source A is used.)
Note 3: Transmission range L
Standard transmitter (TLN105B(F))
L is the maximum distance at which burst waves can be received from the transmitter unit, and at which
data can be processed by the receiver unit.
Note that when signals other than the recommended burst wave are transmitted, the transmission range
may be reduced or a malfunction may occur.
(*) The TLN105B(F) is used as the standard LED transmitter.
If the TLN231(F) is used instead, the transmission range is 1.2 times that of the TLN105B(F).
Example: 6m (with TLN105B(F)) ⇒ 10.1m (with TLN231(F))
GND
10kΩ
VOUT
+10V
Transmitter
(
TLN115A(F) is used.)
f0 = 455kHz
Duty = 50%
10μF
20cm
TPS703(F)
L



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com