Electronic Components Datasheet Search
  English  ▼

X  

SLU0200 Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # SLU0200
Description  Universal Phase Monitor w/ Rapid Cycle Lockout
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

SLU0200 Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  SLU0200 Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
167
Diversified Electronics
800.727.5646
atcdiversified.com
Universal Phase Monitor
w/ Rapid Cycle Lockout
AUTO
Frequency Nominal Line-to-Line
Adjustable
RANGING
Voltages
Range
SCALES
60Hz
208, 220, 240, 380,
200-250
415, 440, 460, 480
360-500
50Hz
208, 220, 240
200-250
346, 380, 415
330-430
VOLTAGE BAND
Drop-out
±10% of Range Setting (Under/Over)
Pick-up
±7% of Range Setting (Under/Over)
MAXIMUM
550 VAC (Line-to-Line)
VOLTAGE
PHASE
ABC (Will Not Operate On CBA Sequence)
SEQUENCE
POWER REQUIRED 90VA Max.
PHASE
2% to 10%, Adjustable Drop-out
UNBALANCE
Hysteresis
10% of Setting
PHASE SHIFT
13° Drop-out, 12° Pick-up (Ø-Loss)
FREQUENCY
Not Detected
SHIFT
RAPID CYCLE
5 Cycle Lockout, 30 minute cycle count reset
RESET
Automatic
RELAY OUTPUT
SPDT, 10A @ 240VAC Resistive, 1/2 HP @240VAC
INDICATORS
Flashing
Continuous
Normal
Fault Delay Active
Relay
(Green LED)
Energized
Fault
Restart Delay Active
Relay
(Red LED)
De-energized
RESPONSE
Power Up
2.5 SEC Minimum
Fault Delay
1 to 25 SEC., Adjustable
Severe Fault
1 SEC. (Phase-Loss, Unbalance or
Phase Reversal)
Restart
0.5 to 300 S, Adjustable (Auto Reset)
TEMPERATURE
Operate
32° to 131°F (0° to +55°C)
RATINGS
Storage
-49° to 185°F (-45° to +85°C)
REPEAT ACCURACY 1% @ Fixed Condition
ENCLOSURE
Style “A”
8-Pin Plug In LEXAN® Dust Cover
WEIGHT
0.35 to 0.5 lbs.
ORDERING INFORMATION
TOP LABEL
DIMENSIONS (INCHES)
SLU-0200 Phase Monitor Relays (3-Phase Monitors) provide cost-effective
protection against premature equipment failure caused by voltage faults
on 3-Phase systems (Wye or Delta). The SLU-0200 Series multi-mode
phase monitoring relay, was designed for the convenience of electrician's,
maintenance managers and engineers. This device can be easily adjusted
for the voltage, imbalance percentage and time delay requirements to
protect against unbalanced voltages or single phasing regardless of
any regenerative voltages.
Both DELTA and WYE systems may be monitored. In Wye systems,
connections to neutral are NOT required. The SLU-0200 Series is
UL Listed under UL File Number E55826.
NOTE: Can be used for most generator applications. Not recommended for
variable frequency drive applications. Call technical support for application
assistance.
IND. CONT. EQ
496Y
MODEL NUMBER
DESCRIPTION
SLU0200
Voltage/Phase Monitor
Diversified Electronics
800.727.5646
atcdiversified.com
DIMENSIONS
TERMINAL CONNECTIONS
ORDERING INFORMATION


Similar Part No. - SLU0200

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
SLU0201 ATC-SLU0201 Datasheet
323Kb / 1P
Universal Phase Monitor w/ Rapid Cycle Lockout & Diagnostic LED
More results

Similar Description - SLU0200

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-21 POWERINT-DI-21 Datasheet
68Kb / 2P
45 W, Universal Input, LCD Monitor External Adapter
DI-66 POWERINT-DI-66 Datasheet
497Kb / 2P
45 W, Universal Input, LCD Monitor Internal Supply
logo
Winbond
W83793G WINBOND-W83793G Datasheet
1Mb / 131P
Winbond H/W Monitor
logo
Tripp Lite. All Rights ...
MR1612 TRIPPLITE-MR1612 Datasheet
489Kb / 2P
Universal Monitor Riser
MR2208G TRIPPLITE-MR2208G Datasheet
481Kb / 2P
Universal Glass-Top Monitor Riser
DMA1327SD TRIPPLITE-DMA1327SD Datasheet
158Kb / 3P
Universal Dual-Monitor Mount Adapter
MR1815SWVL TRIPPLITE-MR1815SWVL Datasheet
163Kb / 2P
Universal Swivel Monitor Stand/Riser
logo
Nuvoton Technology Corp...
NCT7904D NUVOTON-NCT7904D Datasheet
1Mb / 140P
H/W Monitor
W83795G NUVOTON-W83795G Datasheet
3Mb / 152P
Nuvoton H/W Monitor
W83793G NUVOTON-W83793G Datasheet
1Mb / 152P
Nuvoton H/W Monitor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com