Electronic Components Datasheet Search
  English  ▼

X  

P9696 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # P9696
Description  PbSe photoconductive detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P9696 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  P9696 Datasheet HTML 1Page - Hamamatsu Corporation P9696 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P9696 series are PbSe photoconductive detector with greatly improved photo sensitivity and D* as compared with conventional types.
Features
l Excellent photo sensitivity: 3 times higher than conventional types
l High detectivity (D*)
Applications
l Radiation thermometer
l Flame monitors
l Gas analyzer
l Film thickness gauge
INFRARED
DETECTOR
PbSe photoconductive detector
High sensitivity type
P9696 series
1
s Specification
Parameter
P9696-02
P9696-03
Unit
Window
Sapphire glass
-
Package
TO-5
-
Cooling type
Non-cooled
-
Active area
2 × 2
3 × 3
mm
s Absolute maximum ratings (Ta=25 °C)
Parameter
Symbol
Value
Unit
Supply voltage
-
100
V
Operating temperature
Topr
-30 to +50
°C
Storage temperature
Tstg
-55 to +60
°C
s Electrical and optical characteristics (Ta=25 °C)
P9696-02
P9696-03
Parameter
Symbol
Condition
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Peak sensitivity wavelength
λp-
4.0
-
-
4.0
-
µm
Cut-off wavelength
λc
-
4.8
-
-
4.8
-
µm
Photo sensitivity *
S
λ=λp, Vs=15-
3 × 10
3
-
-
1.3 × 10
3
-V/W
(500, 600, 1)
-
2.5 × 10
8
-
-
2.5 × 10
8
-
Detectivity
D*
(
λp, 600, 1)
-
2.5 × 10
9
-
-
2.5 × 10
9
-
cm
・Hz
1/2/W
Rise time
tr
0 to 63 %
-
3
-
-
3
-
µs
Dark resistance
Rd
-
2.0
-
-
2.0
-
M
Ω
* Chopping frequency: 600 Hz, load resistance: nearly equal to dark resistance


Similar Part No. - P9696

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P9696-02 HAMAMATSU-P9696-02 Datasheet
100Kb / 5P
Infrared detectors with fast response and high sensitivity in 5 m wavelength band
P9696-03 HAMAMATSU-P9696-03 Datasheet
100Kb / 5P
Infrared detectors with fast response and high sensitivity in 5 m wavelength band
P9696-102 HAMAMATSU-P9696-102 Datasheet
100Kb / 5P
Infrared detectors with fast response and high sensitivity in 5 m wavelength band
P9696-103 HAMAMATSU-P9696-103 Datasheet
100Kb / 5P
Infrared detectors with fast response and high sensitivity in 5 m wavelength band
P9696-202 HAMAMATSU-P9696-202 Datasheet
100Kb / 5P
Infrared detectors with fast response and high sensitivity in 5 m wavelength band
More results

Similar Description - P9696

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P2532-01 HAMAMATSU-P2532-01 Datasheet
82Kb / 4P
PbS photoconductive detector
P2748 HAMAMATSU-P2748 Datasheet
172Kb / 4P
MCT photoconductive detector
P3257 HAMAMATSU-P3257 Datasheet
141Kb / 3P
MCT photoconductive detector
P6606 HAMAMATSU-P6606 Datasheet
155Kb / 4P
InSb photoconductive detector
P791-11 HAMAMATSU-P791-11 Datasheet
174Kb / 4P
PbSe photoconductive detector
P791 HAMAMATSU-P791_07 Datasheet
93Kb / 4P
PbSe photoconductive detector
P2748 HAMAMATSU-P2748_07 Datasheet
85Kb / 4P
MCT photoconductive detector
P6606 HAMAMATSU-P6606_04 Datasheet
117Kb / 4P
InSb photoconductive detector
P9217 HAMAMATSU-P9217_07 Datasheet
95Kb / 3P
PbS photoconductive detector
P3207-08 HAMAMATSU-P3207-08_15 Datasheet
239Kb / 7P
PbSe photoconductive detectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com