Electronic Components Datasheet Search
  English  ▼

X  

TSF40102C Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSF40102C
Description  40A, 100V Trench Schottky Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSF40102C Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSF40102C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSF40102C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSF40102C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSF40102C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSF40102C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSF40102C Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSF40102C
Taiwan Semiconductor
1
Version: A2405
40A, 100V Trench Schottky Rectifier
FEATURES
● Excellent high temperature stability
● Low forward voltage
● Low power loss/ High efficiency
● High forward surge capability
● RoHS Compliant
● Halogen-free
APPLICATIONS
● Switching mode power supply (SMPS)
● Adapters
● DC to DC converters
MECHANICAL DATA
● Case: ITO-220AB
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Mounting torque: 0.56 N⋅m maximum
● Meet JESD 201 class 2 whisker test
● Polarity: As marked
● Weight: 1.75g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
40
A
VRRM
100
V
IFSM
415
A
TJ MAX
150
°C
Package
ITO-220AB
Configuration
Common cathode
ITO-220AB
ABSOLUTE MAXIMUM RATINGS (T
A
= 25°C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Marking code on the device
TSF40102C
Repetitive peak reverse voltage
VRRM
100
V
Reverse voltage, total rms value
VR(RMS)
70
V
Forward current
per device
IF
40
A
per diode
20
A
Surge peak forward current, 8.3ms single half sine
wave superimposed on rated load
IFSM
415
A
Junction temperature
TJ
-55 to +150
°C
Storage temperature
TSTG
-55 to +150
°C


Similar Part No. - TSF40102C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSF40122C TSC-TSF40122C Datasheet
289Kb / 6P
40A, 120V Trench Schottky Rectifier
Version: A2405
logo
Token Electronics Indus...
TSF401D65-S4 TOKEN-TSF401D65-S4 Datasheet
476Kb / 14P
Front End Filters
TSF401D90-D1 TOKEN-TSF401D90-D1 Datasheet
476Kb / 14P
Front End Filters
More results

Similar Description - TSF40102C

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
C40S120CT CITC-C40S120CT Datasheet
466Kb / 3P
40A Trench Schottky Rectifier
CB40S100CT CITC-CB40S100CT Datasheet
690Kb / 3P
40A Trench Schottky Rectifier
CF40S100CT CITC-CF40S100CT Datasheet
467Kb / 3P
40A Trench Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSF40U100C TSC-TSF40U100C Datasheet
231Kb / 4P
40A, 100V Trench Schottky Rectifier
logo
PFC Device Inc.
PTR40L100CT PFC-PTR40L100CT Datasheet
779Kb / 7P
40A 100V HPTR Schottky Rectifier
PTR40L100PT PFC-PTR40L100PT Datasheet
667Kb / 6P
40A 100V HPTR Schottky Rectifier
PTR40V100CT PFC-PTR40V100CT Datasheet
780Kb / 7P
40A 100V HPTR Schottky Rectifier
PTR40100CT PFC-PTR40100CT Datasheet
776Kb / 7P
40A 100V HPTR Schottky Rectifier
PTR40100PT PFC-PTR40100PT Datasheet
662Kb / 6P
40A 100V HPTR Schottky Rectifier
logo
Diodes Incorporated
SDT40H120CT DIODES-SDT40H120CT_V01 Datasheet
750Kb / 6P
40A TRENCH SCHOTTKY RECTIFIER
May 2022 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com