Electronic Components Datasheet Search
  English  ▼

X  

AX3002 Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX3002
Description  150KHz, 3A PWM Buck DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3002 Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX3002 Datasheet HTML 1Page - AXElite technology co. ltd AX3002 Datasheet HTML 2Page - AXElite technology co. ltd AX3002 Datasheet HTML 3Page - AXElite technology co. ltd AX3002 Datasheet HTML 4Page - AXElite technology co. ltd AX3002 Datasheet HTML 5Page - AXElite technology co. ltd AX3002 Datasheet HTML 6Page - AXElite technology co. ltd AX3002 Datasheet HTML 7Page - AXElite technology co. ltd AX3002 Datasheet HTML 8Page - AXElite technology co. ltd AX3002 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Oct.03, 2019
AX3002
BLOCK DIAGRAM
150kHz
OSC.
START
UP
+
+
+
_
Thermal
Shutdown
CONTROL
+
DRIVER
COMP.
COMP.
Vss
SW
EN
FB
200mV
220mV
3A
SWITCH
COMP.
VCC
Current
limit
+
_
AMP
COMP.
CURRENT
SOURCE
BIAS
1.235V
REFERENCE
2.5V
REGULATOR
R2
R1
ADJ : R2=0
Ω , R1=OPEN
PIN ASSIGNMENT
The package of AX3002 is TO263-5L; the pin assignment is given by:
TO263-5L
( Top View )
1 VCC
5 EN
4 FB
3 VSS
2 SW
Metal
Tab
GND
( Side View )
Name
Description
VCC
Operating voltage input
SW
Switching output
VSS
GND pin
FB
Output voltage feedback control
EN
ON/OFF Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com