Electronic Components Datasheet Search
  English  ▼

X  

A5973D Datasheet(PDF) 1 Page - STMicroelectronics

Part # A5973D
Description  2.5A switch step down switching regulator for automotive applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5973D Datasheet(HTML) 1 Page - STMicroelectronics

  A5973D Datasheet HTML 1Page - STMicroelectronics A5973D Datasheet HTML 2Page - STMicroelectronics A5973D Datasheet HTML 3Page - STMicroelectronics A5973D Datasheet HTML 4Page - STMicroelectronics A5973D Datasheet HTML 5Page - STMicroelectronics A5973D Datasheet HTML 6Page - STMicroelectronics A5973D Datasheet HTML 7Page - STMicroelectronics A5973D Datasheet HTML 8Page - STMicroelectronics A5973D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
October 2007
Rev 2
1/14
1
A5973D
2.5A switch step down switching regulator
for automotive applications
Features
■ Qualified following the AEC-Q100
requirements (temperature Grade 3), see
PPAP for more details.
■ Temperature range -40°C to 85°C
■ 2A DC output current
■ Operating input voltage from 4V to 36V
■ 3.3V / (±2%) reference voltage
■ Output voltage adjustable from 1.235V to 35V
■ Low dropout operation: 100% duty cycle
■ 250kHz Internally fixed frequency
■ Voltage feedforward
■ Zero load current operation
■ Internal current limiting
■ Inhibit for zero current consumption
■ Synchronization
■ Protection against feedback disconnection
■ Thermal shutdown
Applications
■ Dedicated to automotive applications
Figure 1.
Typical application
Description
The A5973D is a step down monolithic power
switching regulator with a minimum switch current
limit of 2.5A so it is able to deliver more than 2A
DC current to the load depending on the
application conditions. The output voltage can be
set from 1.235V to 35V. The high current level is
also achieved thanks to an SO8 package with
exposed frame, that allows to reduce the
Rth(JA) down to approximately 40°C/W. The
device uses an internal P-channel D-MOS
transistor (with a typical Rdson of 250m
Ω) as
switching element to minimize the size of the
external components. An internal oscillator fixes
the switching frequency at 250kHz. Having a
minimum input voltage of 4V only, it is particularly
suitable for 5V bus. Pulse by pulse current limit
with the internal frequency modulation offers an
effective constant current short circuit protection.
Pulse by pulse current limit with the internal
frequency modulation offers an effective constant
current short circuit protection.
HSOP8 exposed pad
OUT
FB
GND
COMP
VCC
VIN=4V to 35V
A5973D
C1
10uF
35V
CERAMIC
C2
330uF
6.3V
C3
220pF
C4
22nF
R1
5k6
R2
3k3
R3
4k7
D1
STPS340U
L1 15uH
Vout=3.3V
1
2
3
4
5
6
7
8
INH
SYNCH
VREF
3.3V
OUT
FB
GND
COMP
VCC
VIN=4V to 35V
A5973D
C1
10uF
35V
CERAMIC
C2
330uF
6.3V
C3
220pF
C4
22nF
R1
5k6
R2
3k3
R3
4k7
D1
STPS340U
L1 15uH
Vout=3.3V
1
2
3
4
5
6
7
8
INH
SYNCH
VREF
3.3V
www.st.com


Similar Part No. - A5973D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A5973D STMICROELECTRONICS-A5973D Datasheet
787Kb / 12P
Up to 2 A step down switching regulator for automotive applications
02-May-2008
A5973D STMICROELECTRONICS-A5973D Datasheet
779Kb / 12P
Up to 2 A step down switching regulator for automotive applications
29-Aug-2008
A5973D STMICROELECTRONICS-A5973D_08 Datasheet
787Kb / 12P
Up to 2 A step down switching regulator for automotive applications
02-May-2008
A5973D_0808 STMICROELECTRONICS-A5973D_0808 Datasheet
779Kb / 12P
Up to 2 A step down switching regulator for automotive applications
29-Aug-2008
More results

Similar Description - A5973D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5973D STMICROELECTRONICS-L5973D Datasheet
130Kb / 10P
2.5A SWITCH STEP DOWN SWITCHING REGULATOR
May-2003
logo
National Semiconductor ...
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
42V, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
Anpec Electronics Corop...
APW1172 ANPEC-APW1172 Datasheet
444Kb / 21P
2.5A SWITCH STEP DOWN SWITCHING REGULATOR
logo
STMicroelectronics
A5972D STMICROELECTRONICS-A5972D Datasheet
697Kb / 12P
2A switch step down switching regulator for automotive applications
05-Nov-2007
A5970D STMICROELECTRONICS-A5970D Datasheet
250Kb / 13P
1.5A switch step down switching regulator for automotive applications
24-Oct-2007
logo
National Semiconductor ...
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
42V, 2.5A Step-Down Switching Regulator
logo
STMicroelectronics
B5973D STMICROELECTRONICS-B5973D Datasheet
781Kb / 12P
2 A step down switching regulator for automotive applications
14-Jan-2008
logo
Unisonic Technologies
P1580 UTC-P1580 Datasheet
283Kb / 6P
380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
P1583 UTC-P1583 Datasheet
187Kb / 5P
380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
30V,2.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com