Electronic Components Datasheet Search
  English  ▼

X  

AX3102SA Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX3102SA
Description  PWM Control 3A Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3102SA Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX3102SA Datasheet HTML 1Page - AXElite technology co. ltd AX3102SA Datasheet HTML 2Page - AXElite technology co. ltd AX3102SA Datasheet HTML 3Page - AXElite technology co. ltd AX3102SA Datasheet HTML 4Page - AXElite technology co. ltd AX3102SA Datasheet HTML 5Page - AXElite technology co. ltd AX3102SA Datasheet HTML 6Page - AXElite technology co. ltd AX3102SA Datasheet HTML 7Page - AXElite technology co. ltd AX3102SA Datasheet HTML 8Page - AXElite technology co. ltd AX3102SA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.1 Oct.08, 2019
AX3102
APPLICATION CIRCUIT
R1
R2
VFB = 0.8V ; R2 suggest 0.8K ~ 6k
VOUT = VFB x (1 +
)
C2
470uF
C3
0.1uF
C4
470uF
1
2
L1
22uH
R1
30K
R2
5.6K
VIN+12V
ON/OFF
C1
1nF
VOUT = 5V/3A
R3
1.3K
R4
100K
D1
B340
C8
0.1uF
FB
1
EN
2
OCSET
3
VCC
4
SW
5
SW
6
VSS
7
VSS
8
AX3102
L1 recommend value (VIN=12V )
VOUT
1.8 V
2.5V
3.3V
5V
IOUT=3A
12uH
15uH
18uH
22uH
FUNCTION DESCRIPTIONS
PWM Control
The AX3102 consists of DC/DC converters that employ a pulse-width modulation
(PWM) system. In converters of the AX3102, the pulse width varies in a range from 0 to
100%, according to the load current. The ripple voltage produced by the switching can
easily be removed through a filter because the switching frequency remains constant.
Therefore, these converters provide a low-ripple power over broad ranges of input voltage
and load current.
RDS (ON) Current Limiting
The current limit threshold is setting by the external resistor (R3) connecting from VCC
supply to OCSET pin. The internal 130uA sink current crossing the resistor sets the voltage
at pin of OCSET. When the PWM voltage is less than the voltage at OCSET, an
over-current condition is triggered. Please refer to the formula for setting the current limit
value:
R
I
I
DS(ON)
OCSET
SW(MAX)
095
.
0
R3 
(Normally, The ISW(MAX) setting more than IOUT 1.0A ).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com