Electronic Components Datasheet Search
  English  ▼

X  

AX3106 Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX3106
Description  PWM Control 2A Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3106 Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX3106 Datasheet HTML 1Page - AXElite technology co. ltd AX3106 Datasheet HTML 2Page - AXElite technology co. ltd AX3106 Datasheet HTML 3Page - AXElite technology co. ltd AX3106 Datasheet HTML 4Page - AXElite technology co. ltd AX3106 Datasheet HTML 5Page - AXElite technology co. ltd AX3106 Datasheet HTML 6Page - AXElite technology co. ltd AX3106 Datasheet HTML 7Page - AXElite technology co. ltd AX3106 Datasheet HTML 8Page - AXElite technology co. ltd AX3106 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4/13
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.2 Oct.08, 2019
AX3106
ELECTRICAL CHARACTERISTICS (VIN = 12V, TA=25°C, unless otherwise specified)
Characteristics
Symbol
Conditions
Min Typ Max Units
Feedback Voltage
VFB
IOUT=0.2A
0.784 0.8 0.816 V
Quiescent Current
ICCQ
VFB=1.2V force
driver off
3
5
mA
Feedback Bias Current
IFB
IOUT=0.2A
-
0.1 0.5
uA
Shutdown Supply Current
ISD
VEN =0V
-
2
10
uA
Current Limit
ICL
3.0
-
-
A
Line Regulation
△ VOUT/VOUT VCC=4V~23V,
IOUT=0.2A
-
0.6 1.2
%
Load Regulation
△ VOUT/VOUT IOUT = 0.2 to 2A
-
0.15 0.3
%
Oscillation Frequency
FOSC
SW pin
260 330 400 KHz
EN Pin Logic input threshold
voltage
VSH
High (regulator ON)
2.0
-
-
V
VSL
Low(regulator OFF)
-
-
0.8
EN Pin Input Current
ISH
VEN=2.5V (ON)
-
20
-
uA
ISL
VEN=0.3V (OFF)
-
-10
-
uA
Soft-Start Time
TSS
-
20
-
ms
Internal MOSFET RDSON
RDSON
VCC=12V, VFB=0V
-
70
-
mΩ
Efficiency
EFFI
VOUT=
5V
IOUT= 1A
-
92
-
%
IOUT = 2A
-
92
-
Thermal shutdown Temp
TSD
125
°C
APPLICATION CIRCUIT
1. MLCC
C2
10uF*2
R1
39K
L1
1
2
C6
0.1uF
AX3106
1
2
3
4
5
6
7
8
FB
EN
COMP
VCC
SW
SW
VSS
VSS
C8
C1
1nF
C4
R3
4.7k
R4
100K
R2
7.5K
VOUT=5V3A
C7
680pF
D1
B340
VFB = 0.8 V ; R1 suggest 10K ~ 50K
VOUT= VFB x
ON/OFF
VCC+12V
C3
10uF*3
0.1uF
0.1uF
(
R1
R2
1 +
)
option
15uH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com