Electronic Components Datasheet Search
  English  ▼

X  

AX3112 Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX3112
Description  PWM Control 3A Step Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3112 Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX3112 Datasheet HTML 1Page - AXElite technology co. ltd AX3112 Datasheet HTML 2Page - AXElite technology co. ltd AX3112 Datasheet HTML 3Page - AXElite technology co. ltd AX3112 Datasheet HTML 4Page - AXElite technology co. ltd AX3112 Datasheet HTML 5Page - AXElite technology co. ltd AX3112 Datasheet HTML 6Page - AXElite technology co. ltd AX3112 Datasheet HTML 7Page - AXElite technology co. ltd AX3112 Datasheet HTML 8Page - AXElite technology co. ltd AX3112 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.6 Oct.09, 2019
AX3112/A
ORDER/MARKING INFORMATION
Order Information
Top Marking
Package Type
ES: SOP-8L-EP
AX3112 X XX X
Packing
Blank : Tube
A : Taping
Frequency
Blank : 100KHz
A: 350KHz
Sense Voltage Accuracy
BIN1: -5%~+12% (Only for 350KHz)
BIN2: ±12%
A
AX3
Logo
Part number
ID code: internal
WW: 01~52
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
Blank: AX3112
A: AX3112A
Y Y W W X
1 1 2
:
45=2045
ABSOLUTE MAXIMUM RATINGS (at TA = 25°C)
Characteristics
Symbol
Rating
Unit
VCC Pin Voltage
VCC
VSS - 0.3 to VSS + 45
V
Feedback Pin Voltage
VFB
VSS - 0.3 to 38
V
EN/CT Pin Voltage
VSS - 0.3 to 6
V
SENSE1,SENSE2 Pin Voltage
VSS - 0.3 to 38
V
Switch Pin Voltage
VSW
VSS - 0.3 to VCC + 0.3
V
Power Dissipation
PD
(TJ – TA)/ θJA
W
Storage Temperature Range
TST
-65 to +150
°C
Operating Temperature Range
TOP
-40 to +85
°C
Operating Supply Voltage
VOP
+8 to +40
V
Output Current
IOUT
0 to 3
A
Thermal Resistance from Junction to case
θJC
15
°C/W
Thermal Resistance from Junction to ambient
θJA
75
°C/W
Note : θJA is measured with the PCB copper are (need connect to Exposed pad) of approximately 1 in2(Multi-layer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com