Electronic Components Datasheet Search
  English  ▼

X  

AX5201 Datasheet(PDF) 8 Page - AXElite technology co. ltd

Part # AX5201
Description  Step-up PWM DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX5201 Datasheet(HTML) 8 Page - AXElite technology co. ltd

Back Button AX5201 Datasheet HTML 3Page - AXElite technology co. ltd AX5201 Datasheet HTML 4Page - AXElite technology co. ltd AX5201 Datasheet HTML 5Page - AXElite technology co. ltd AX5201 Datasheet HTML 6Page - AXElite technology co. ltd AX5201 Datasheet HTML 7Page - AXElite technology co. ltd AX5201 Datasheet HTML 8Page - AXElite technology co. ltd AX5201 Datasheet HTML 9Page - AXElite technology co. ltd AX5201 Datasheet HTML 10Page - AXElite technology co. ltd AX5201 Datasheet HTML 11Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.06, 2019
AX5201
TYPICAL CHARACTERISTICS
11
11.2
11.4
11.6
11.8
12
12.2
12.4
12.6
12.8
13
3
4
5
6
7
8
9
10
VCC (V)
VCC VS VOUT
IOUT=0.1A
11
11.2
11.4
11.6
11.8
12
12.2
12.4
12.6
12.8
13
0
100
200
300
400
500
600
IOUT (mA)
IOUT VS VOUT
VCC=5V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
3
6
9
12
15
18
VCC (V)
VCC VS Current Limit
VOUT=24V
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-50
-25
0
25
50
75
100
Temperature (℃)
Temperature VS Curret Limit
VCC=5V, Vout=12V
250
300
350
400
450
500
550
600
650
700
750
-50
-25
0
25
50
75
100
Temperature (℃)
Temperature VS Frequency
VCC=5V, Vout=12V
IOUT=100mA
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
-50
-25
0
25
50
75
100
Temperature (℃)
Temperature VS VFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com