Electronic Components Datasheet Search
  English  ▼

X  

AX5201ES Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX5201ES
Description  Step-up PWM DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX5201ES Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX5201ES Datasheet HTML 1Page - AXElite technology co. ltd AX5201ES Datasheet HTML 2Page - AXElite technology co. ltd AX5201ES Datasheet HTML 3Page - AXElite technology co. ltd AX5201ES Datasheet HTML 4Page - AXElite technology co. ltd AX5201ES Datasheet HTML 5Page - AXElite technology co. ltd AX5201ES Datasheet HTML 6Page - AXElite technology co. ltd AX5201ES Datasheet HTML 7Page - AXElite technology co. ltd AX5201ES Datasheet HTML 8Page - AXElite technology co. ltd AX5201ES Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.06, 2019
AX5201
Table 1 Resistor select for output voltage setting
VOUT
R3
R4
12V
1K
11K
15V
1.3K
18K
18V
1.3K
22K
24V
1.3K
30K
32V
2.2K
68K
Inductor Selection
For most designs, Low inductance values are physically smaller but require faster
switching, which results in some efficiency loss. The inductor value can be derived from the
following equation:
f
I
V
V
V
V
L
LX
L
OUT
IN
OUT
IN
Where is inductor Ripple Current. Large value inductors lower ripple current and small
value inductors result in high ripple currents. Choose inductor ripple current approximately
15% of the maximum input current 2.4A, ΔIL=0.18A.
Table 2 Inductor select for output voltage setting (VCC=5V)
VOUT
9V
12V
15V
18V
L1 Value
18uH
22uH
25uH
33uH
The DC current rating of the inductor should be at least equal to the maximum load
current plus half the ripple current to prevent core saturation (2.4A+0.18A).
Input Capacitor Selection
The input capacitor reduces the surge current drawn from the input and switching
noise from the device. The input capacitor impedance at the switching frequency shall be
less than input source impedance to prevent high frequency switching current passing to
the input. A low ESR input capacitor sized for maximum RMS current must be used.
The capacitor voltage rating should be at least 1.5 times greater than the input
voltage, and often much higher voltage ratings are needed to satisfy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com