Electronic Components Datasheet Search
  English  ▼

X  

AX5203 Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX5203
Description  Step-up PWM DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX5203 Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX5203 Datasheet HTML 1Page - AXElite technology co. ltd AX5203 Datasheet HTML 2Page - AXElite technology co. ltd AX5203 Datasheet HTML 3Page - AXElite technology co. ltd AX5203 Datasheet HTML 4Page - AXElite technology co. ltd AX5203 Datasheet HTML 5Page - AXElite technology co. ltd AX5203 Datasheet HTML 6Page - AXElite technology co. ltd AX5203 Datasheet HTML 7Page - AXElite technology co. ltd AX5203 Datasheet HTML 8Page - AXElite technology co. ltd AX5203 Datasheet HTML 9Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4/9
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Nov.06, 2019
AX5203
APPLICATION CIRCUIT
VCC=12V
R4
64K
C2
0.47uF
C1
470uF
D1
SS310
C4
220uF/100V
L1
68uH
Vout=65V/100mA
U1
AX5203
6
2
4
1
3
8
7
5
SW
Vcc
SS
EN
FB
SGND
PGND
SW
C7
0.1uF
C3
Option
R3
1K
R1
100K
0.82uF
C8
C5
0.1uF
VOUT = VFB  (1 +
R3
R4
), VFB = 1.0V, R3 = 1K ~ 3K
FUNCTION DESCRIPTIONS
PWM Control
The AX5203 consists of DC/DC converters that employ a pulse-width modulation
(PWM) system. In converters of the AX5203, the pulse width varies in a range from 0 to
85%, according to the load current. The ripple voltage produced by the switching can easily
be removed through a filter because the switching frequency remains constant. Therefore,
these converters provide a low-ripple power over broad ranges of input voltage and load
current.
Setting the Output Voltage
Application circuit item shows the basic application circuit with AX5203 adjustable
output version. The external resistor sets the output voltage according to the following
equation:



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com