Electronic Components Datasheet Search
  English  ▼

X  

CA33M040 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # CA33M040
Description  CA Hermetically Sealed Axial Tantalum Capacitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

CA33M040 Datasheet(HTML) 1 Page - DB Lectro Inc

  CA33M040 Datasheet HTML 1Page - DB Lectro Inc CA33M040 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CA Hermetically Sealed Axial Tantalum Capacitor
Ⅰ、 Features
Ⅱ、 General Characteristics
1、 Operating Temperature
A -55℃~+125℃ ( with voltage derating at greater than85℃)
2、 Capacitance Tolerance
±10%, ±20%, ±30% ~-±10%
3、 DC Leakage Current Table 1
4、 DC Dissipation Factor table 1
Ⅲ、 Dimensions, Rated voltage and Capacitance
Rated voltage (V)
6.3
10
16
25
32
40
63
75
100
Derating voltage (V)
4
6.3
10
16
20
25
40
50
63
DXL D
mm mm
Max Wt.(g)
Capacitance (uF)
1
0.68 0.33 0.33 0.22 0.22 0.22 0.22
0.1
1.5
1
0.47 0.47 0.33 0.33 0.33 0.33
0.15
2.2
1.5 0.68 0.68 0.47 0.47 0.47
0.22
3.3
2.2
1
1
0.68 0.68
4.7
3.3
1.5
1.5
1
1
6.8
4.7
2.2
2.2
1.5
3.2×8 0.4
0.7
10
6.8
3.3
15
10
4.7 0.33 2.2 1.5 0.68 0.47
0.33
22
15
6.8
4.7
3.3 2.2
1
0.68
0.47
33
22
10
6.8
4.7 3.3 1.5
1
0.68
47
33
15
10
6.8 4.7 2.2 1.5
1
68
47
22
15
10
6.8 3.3 2.2
1.5
5×12 0.6
2.5
33
68
47
22
10
3.3
2.2
6×14 0.6
3.5
100
100
68
33
15
15
4.7
4.7
3.3
150
47
22
22 6.8 6.8
4.7
8×14 0.8
6
220
150 100
68
33
33
10
10
6.8
330 220 150
47
15
8×22 0.8
10
100
47
15
10
Small units with high stable performance, lower current leakage&dissipation
factor, stable frequency and temperature and long life. Suitable for military
equipment, computer, telephone and other electronic products.
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - CA33M040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CA33-1 MACOM-CA33-1 Datasheet
382Kb / 2P
Cascadable Amplifier 2 to 2400 MHz
logo
M/A-COM Technology Solu...
CA33-1 MA-COM-CA33-1 Datasheet
1Mb / 2P
Cascadable Amplifier 2 to 2400 MHz
logo
Intersil Corporation
CA3304 INTERSIL-CA3304 Datasheet
117Kb / 11P
4-Bit, 25 MSPS, Flash A/D Converters
August 1997
CA3304 INTERSIL-CA3304 Datasheet
295Kb / 12P
4-Bit, 25 MSPS, Flash A/D Converters
November 2002
CA3304A INTERSIL-CA3304A Datasheet
117Kb / 11P
4-Bit, 25 MSPS, Flash A/D Converters
August 1997
More results

Similar Description - CA33M040

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T352F227 KEMET-T352F227 Datasheet
590Kb / 84P
TANTALUM HERMETICALLY SEALED / AXIAL
logo
Cornell Dubilier Electr...
CSR13 CDE-CSR13 Datasheet
636Kb / 7P
Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
logo
Kemet Corporation
CSRXXB565KM KEMET-CSRXXB565KM Datasheet
568Kb / 38P
TANTALUM HERMETICALLY SEALED
T110A474K035AT KEMET-T110A474K035AT Datasheet
568Kb / 38P
TANTALUM HERMETICALLY SEALED / AXIAL ??MIL-PRF-39003
logo
Cornell Dubilier Electr...
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF CDE-THF Datasheet
204Kb / 3P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com