Electronic Components Datasheet Search
  English  ▼

X  

UPSD34XX Datasheet(PDF) 13 Page - STMicroelectronics

Part # UPSD34XX
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD34XX Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UPSD34XX Datasheet HTML 9Page - STMicroelectronics UPSD34XX Datasheet HTML 10Page - STMicroelectronics UPSD34XX Datasheet HTML 11Page - STMicroelectronics UPSD34XX Datasheet HTML 12Page - STMicroelectronics UPSD34XX Datasheet HTML 13Page - STMicroelectronics UPSD34XX Datasheet HTML 14Page - STMicroelectronics UPSD34XX Datasheet HTML 15Page - STMicroelectronics UPSD34XX Datasheet HTML 16Page - STMicroelectronics UPSD34XX Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 293 page
background image
uPSD34xx
Pin descriptions
13/293
Table 2.
Pin definitions
Port Pin
Signal
Name
80-Pin
No.
52-Pin
No.(1)
In/Out
Function
Basic
Alternate 1
Alternate 2
MCUAD0
AD0
36
N/A
I/O
External Bus
Multiplexed
Address/Data bus
A0/D0
MCUAD1
AD1
37
N/A
I/O
Multiplexed
Address/Data bus
A1/D1
MCUAD2
AD2
38
N/A
I/O
Multiplexed
Address/Data bus
A2/D2
MCUAD3
AD3
39
N/A
I/O
Multiplexed
Address/Data bus
A3/D3
MCUAD4
AD4
41
N/A
I/O
Multiplexed
Address/Data bus
A4/D4
MCUAD5
AD5
43
N/A
I/O
Multiplexed
Address/Data bus
A5/D5
MCUAD6
AD6
45
N/A
I/O
Multiplexed
Address/Data bus
A6/D6
MCUAD7
AD7
47
N/A
I/O
Multiplexed
Address/Data bus
A7/D7
P1.0
T2
ADC0
52
34
I/O
General I/O port pin
Timer 2 Count input
(T2)
ADC Channel 0
input (ADC0)
P1.1
T2X
ADC1
54
35
I/O
General I/O port pin
Timer 2 Trigger
input (T2X)
ADC Channel 1
input (ADC1)
P1.2
RxD1
ADC2
56
36
I/O
General I/O port pin
UART1 or IrDA
Receive (RxD1)
ADC Channel 2
input (ADC2)
P1.3
TXD1
ADC3
58
37
I/O
General I/O port pin
UART or IrDA
Transmit (TxD1)
ADC Channel 3
input (ADC3)
P1.4
SPICLK
ADC4
59
38
I/O
General I/O port pin
SPI Clock Out
(SPICLK)
ADC Channel 4
input (ADC4)
P1.5
SPIRxD
ADC5
60
39
I/O
General I/O port pin
SPI Receive
(SPIRxD)
ADC Channel 5
input (ADC5)
P1.6
SPITXD
ADC6
61
40
I/O
General I/O port pin
SPI Transmit
(SPITxD)
ADC Channel 6
input (ADC6)
P1.7
SPISEL
ADC7
64
41
I/O
General I/O port pin
SPI Slave Select
(SPISEL)
ADC Channel 7
input (ADC7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com