Electronic Components Datasheet Search
  English  ▼

X  

ARA Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # ARA
Description  Duplexor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

ARA Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  ARA Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
210
Diversified Electronics
800.727.5646
atcdiversified.com
Diversified Electronics
800.727.5646
atcdiversified.com
MODEL NUMBER
AR
A
A
TYPE OF ALTERNATING RELAY
Standard Duplexor
A
Special Function Duplexor
B
CONTROL VOLTAGE
24 VAC/DC
24
120 VAC/DC
120
208 VAC
208
240 VAC
240
TYPE OF VOLTAGE
VAC or VAC/DC
A
CONTACT CONFIGURATION
SPDT
B
DPDT (Cross Wired)
C
DPDT
D
DPDT (Cross Wired)
E
ENCLOSURE STYLE
A
Duplexor
The Duplexor is used in control panels where two loads are required to alter-
nate to provide equal run time on the loads. The alternating action is initiated
by a control switch, which is common with one side of the control voltage. The
output contacts will change states each time the control switch is opened, thus al-
ternating the two loads. The LED indicators show the position of the output relay.
The ARA Series is the standard Duplexor providing automatic alternating se-
quence. The ARB has the automatic sequencing feature plus the option of locking
it into one sequence. A three position switch permits the field selection of normal
duplexing action, locking in the A-B sequence, or B-A sequence.
DIMENSIONS (INCHES)
WIRING
CONTROL VOLTAGE 24, 120 VAC/DC, 208, 240, 50/60Hz,
CONTROL SWITCH
1 mA
CURRENT
POWER REQUIRED
3 VA (Approximately)
DUTY CYCLE
Continuous
LIFE EXPECTANCY
Mechanical 10,000,000 Operations (Minimum)
Electrical
100,000 Operations @ Rated Load
INDICATORS
LED Shows Output Position
TEMPERATURES
Operate
-4° to 131°F (-20° to +55°C)
RATING
Storage
-40° to 185°F (-40° to +85°C)
CONTACT RATING
10 Amps @ 240 VAC, Resistive 1/8 hp @ 120 VAC
1/4 hp @ 240 VAC Inductive, 360 VA @ 240 VAC,
Inductive
ENCLOSURE
“A” Lexan® Dust Cover
TERMINATIONS
Industrial Plug-in
WEIGHT
4.5 oz.
MODEL NUMBER
SPECIFICATIONS
E55826


Similar Part No. - ARA

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
ARA-120-AHE ATC-ARA-120-AHE Datasheet
169Kb / 1P
Special Function Alternating Relay
ARA-120-AJE ATC-ARA-120-AJE Datasheet
157Kb / 1P
Triplexor Alternating Relay
ARA-120-AME ATC-ARA-120-AME Datasheet
182Kb / 1P
Expandable Alternating Relays
ARA-120-ANE ATC-ARA-120-ANE Datasheet
182Kb / 1P
Expandable Alternating Relays
logo
u-blox AG
ARA-R404M-00B U-BLOX-ARA-R404M-00B Datasheet
1Mb / 43P
LTE Cat M1 / NB1 and EGPRS modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com