Electronic Components Datasheet Search
  English  ▼

X  

ASC-500 Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # ASC-500
Description  Delay-On-Break Timer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

ASC-500 Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  ASC-500 Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
227
Diversified Electronics
800.727.5646
atcdiversified.com
Delay-On-Break Timer
This family of controls provides short cycle protection by locking out
the compressor for a period of time after a voltage or thermostat inter-
ruption . Subsequent interruptions will not increase the delay period .
Since the delay begins when the interruption occurs, the temperature
control is not affected . Under normal operating conditions, the compres-
sor off time is longer than five (5) minutes. In this case, the use of
these timers will not lengthen this off cycle .
These are easy to install two (2) terminal Short Cycle Timers that
connect in series with the control voltage and control relay. The 24 VAC
model employs a built-in bypass circuit for allowing continuous flow
through the thermostat’s cooling anticipator while the timer output is
off .
WIRING
CONTROL VOLTAGE ASC-500-5
24 VAC
ASC-501-5
110/120 VAC
ASC-501-3
ASC-502-5
208/240 VAC
ASC-502-3
OUTPUT RATING
ASC-500-5
250 VA Inrush; 25 VA Run
@ 24 VAC
ASC-501-5
1250 VA Inrush; 125 VA Run
ASC-501-3
@ 120 VAC
ASC-502-5
1250 VA Inrush; 125 VA Run
ASC-502-3
@ 240 VAC
DIMENSIONS
2 .0" x 2 .0" x .75" high
WEIGHT
3 oz .
SPECIFICATIONS
ORDERING INFORMATION
MODEL
DESCRIPTION
NUMBER
ASC-500-5
5 Min . 24 VAC
ASC-501-5
5 Min . 120 VAC
ASC-502-5
5 Min . 240 VAC
ASC-501-3
3 Min . 120 VAC
ASC-502-3
3 Min . 240 VAC
E55826
Diversified Electronics
800.727.5646
atcdiversified.com


Similar Part No. - ASC-500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASC-50 ETC1-ASC-50 Datasheet
273Kb / 2P
Over 200 LP, HP, BP, BR Analog & DSP Filters Options
logo
Integrated Device Techn...
ASC-504060E00-S00 IDT-ASC-504060E00-S00 Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
More results

Similar Description - ASC-500

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HRDB LITTELFUSE-HRDB Datasheet
643Kb / 2P
Delay-on-Break Timer
2016 Rev: 1-A-062116
HRPS LITTELFUSE-HRPS Datasheet
573Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
KRDB LITTELFUSE-KRDB Datasheet
524Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
KSD1 LITTELFUSE-KSD1 Datasheet
502Kb / 2P
Delay-on-Make Timer
2016 Rev: 1-A-062116
KSDB LITTELFUSE-KSDB Datasheet
514Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
ORB LITTELFUSE-ORB Datasheet
455Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TDB LITTELFUSE-TDB Datasheet
386Kb / 2P
DELAY-ON-BREAK
2021 Rev: 1-B-030121
TDMB LITTELFUSE-TDMB Datasheet
489Kb / 2P
Delay-on-Make/Delay-on-Break
2016 Rev: 1-A-062316
TDUB LITTELFUSE-TDUB Datasheet
419Kb / 2P
Delay-on-Break Timer
2016 Rev: 1-A-062116
CT1S30 LITTELFUSE-CT1S30 Datasheet
422Kb / 2P
Delay-on-Make/Delay-on-Break Timer
Rev: 1-A-062116
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com