Electronic Components Datasheet Search
  English  ▼

X  

AQ102 Datasheet(PDF) 3 Page - Acutechnology Semiconductor

Part # AQ102
Description  Low-Voltage Ref/Amplifier SOT23-5 and SC70-5 Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

AQ102 Datasheet(HTML) 3 Page - Acutechnology Semiconductor

  AQ102 Datasheet HTML 1Page - Acutechnology Semiconductor AQ102 Datasheet HTML 2Page - Acutechnology Semiconductor AQ102 Datasheet HTML 3Page - Acutechnology Semiconductor AQ102 Datasheet HTML 4Page - Acutechnology Semiconductor AQ102 Datasheet HTML 5Page - Acutechnology Semiconductor AQ102 Datasheet HTML 6Page - Acutechnology Semiconductor AQ102 Datasheet HTML 7Page - Acutechnology Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Acutechnology Semiconductor Inc.
AQ102
www.acutechnology.com
3
Rev. 1.3 May 3, 2005
Absolute Maximum Ratings
Parameter
Value
Units
VCC Voltage
20
V
COMP Voltage
20
V
REF Voltage
20
V
VCC, COMP, REF Current
50
mA
Operating Junction Temperature
150
ºC
Lead Temperature (soldering 10 seconds)
260
ºC
Storage Temperature Range
-65 to +150
ºC
Electrical Specifications
Electrical characteristics are guaranteed over the full temperature range –40ºC <Tj<105ºC. Ambient
temperature must be de-rated based upon power dissipation and package thermal characteristics. Unless
otherwise stated, test conditions are VCC = 3V, VCOMP = VFB, ICOMP = 1mA
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Vccmin
Minimum Input Voltage
2.2
V
Icc
Quiescent Supply Current
VCOMP=1V
0.3
0.5
mA
Vcc
Supply Voltage
2.2
18
V
Tj=25ºC
594
600
606
Vref
Reference Voltage
-40ºC <Tj<105ºC
592
608
mV
DVcc
Line regulation
2.2V < VCC < 18V
0.5
1
mV
DViload
Load Regulation
ICOMP=1mA to 10mA
4
8
mV
Tcref
Reference Temperature Deviation
-40ºC <Tj<105ºC
25
50
ppm/ºC
IFB
REF input current
-500
500
nA
PSRR
Reference Power Supply Rejection
Freq.=300KHz
35
45
dB
Av
Error Amplifier Open Loop Gain
ICOMP=2mA, COMP=1V
60
80
dB
BW
Unity Gain Frequency
ICOMP=2mA, COMP=1V
1
2
MHz
VCOMP
Output Saturation Voltage
ICOMP=20mA, VFB=
700mV
100
250
mV
TRANSC
Output Transconductance
ICOMP=1mA to 20mA
2.5
mA/mV
Ileak
Output Leakage Current
VCOMP=16 VFB=0
200
400
nA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com