Electronic Components Datasheet Search
  English  ▼

X  

ISO-24-ACE Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # ISO-24-ACE
Description  Multiple Channel Isolated Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

ISO-24-ACE Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  ISO-24-ACE Datasheet HTML 1Page - Automatic Timing & Controls, Inc. ISO-24-ACE Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
224
Diversified Electronics
800.727.5646
atcdiversified.com
Diversified Electronics
800.727.5646
atcdiversified.com
MODEL
CONTROL
CHANNELS
NUMBER
VOLTAGE
ISL-24-AAE
24 VAC
2
ISL-24-ABE
24 VAC
3
ISL-24-ACE
24 VAC
4
ISL-120-AAE
120 VAC
2
ISL-120-ABE
120 VAC
3
ISL-120-ACE
120 VAC
4
ISO-24-AAE
24 VAC
2
ISO-24-ABE
24 VAC
3
ISO-24-ACE
24 VAC
4
ISO-120-AAE
120 VAC
2
ISO-120-ABE
120 VAC
3
ISO-120-ACE
120 VAC
4
Multiple Channel Isolated Switch
ORDERING INFORMATION
OPERATION
DIMENSIONS (INCHES)
The ISO/ISL Series multiple channel devices are used to provide a
safe and reliable means of controlling loads from hazardous locations
without releasing sufficient energy under normal or abnormal condi-
tions to cause ignition of a flammable or combustible atmospheric
mixture while in its most easily ignited concentration. An isolated
output turns on when the corresponding control switch input from the
hazardous location is activated. When using normally closed control
switch inputs, a jumper should be installed between terminals 1 and
2. Normally open control switch inputs do not require the optional
jumper. When the non-latching ISO Series control switch input is
activated, its corresponding output turns on. When the control switch
input is deactivated, its output turns off. When the latching ISL
Series control switch input 2, 3 or 4 is activated, its corresponding
output turns on. When control switch 2, 3 or 4 is deactivated, its cor-
responding output remains latched on as long as control switch input
1 is activated; otherwise it turns off immediately. Control switch input 1
also controls output 1 just as in the non-latching ISO Series.
CONTROL VOLTAGE 24 or 120 VAC ±10%, 50/60 Hz
CONTROL SWITCH
Open Circuit Voltage
6.2 VDC
Short Circuit Current
10 μAmps
RESPONSE
Operate
6 mSEC (Approx.)
TIMES
Release
2.5 mSEC (Approx.)
POWER REQUIRED
2.5 VA
DUTY CYCLE
Continuous
CONTACT
SPST-N.O., 5 amps per channel @ 24 or
RATING
120 VAC, Resistive; 278 VA, Inductive
ISOLATION
2500 Volts, Input to Output
LIFE EXPECTANCY
Mechanical
20 Million Operations
Electrical
50,000 Operations @ Rated Load
INDICATORS
On When Corresponding Output is On
TEMPERATURE
Operate
-4° to 131°F (-20° to +55°C)
RATING
Storage
-40° to 185°F (-40° to +85°C)
ENCLOSURE
Style “E” Lexan® Surface Mounted
TERMINATIONS
(12) #8-32 Screw terminals
WEIGHT
8 oz.
SPECIFICATIONS
Process Control
Equipment
for Hazardous
Locations
7M26
UL913


Similar Part No. - ISO-24-ACE

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
ISO-24-AFA ATC-ISO-24-AFA Datasheet
333Kb / 1P
Single Channel Isolated Switch
ISO-24-AFN ATC-ISO-24-AFN Datasheet
333Kb / 1P
Single Channel Isolated Switch
More results

Similar Description - ISO-24-ACE

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT8986 ZARLINK-MT8986 Datasheet
765Kb / 46P
Multiple Rate Digital Switch
logo
Freescale Semiconductor...
33993 FREESCALE-33993 Datasheet
1Mb / 28P
Multiple Switch Detection Interface
MC33993 FREESCALE-MC33993 Datasheet
1Mb / 28P
Multiple Switch Detection Interface
logo
Omron Electronics LLC
VB-2211 OMRON-VB-2211 Datasheet
671Kb / 5P
Multiple Limit Switch
VB2211 OMRON-VB2211 Datasheet
259Kb / 9P
Multiple Limit Switch
logo
CUI INC
SJ2-2591X-SMT CUI-SJ2-2591X-SMT Datasheet
696Kb / 4P
multiple switch configurations
SJ2-2599X-SMT CUI-SJ2-2599X-SMT Datasheet
712Kb / 4P
multiple switch configurations
SJ2-3589X-SMT CUI-SJ2-3589X-SMT Datasheet
554Kb / 4P
multiple switch configurations
SJ2-3595X-SMT CUI-SJ2-3595X-SMT Datasheet
650Kb / 4P
multiple switch configurations
logo
NXP Semiconductors
CD1020 NXP-CD1020 Datasheet
1Mb / 56P
22 channel multiple switch detection interface
Rev. 4, 7/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com