Electronic Components Datasheet Search
  English  ▼

X  

MPA2 Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # MPA2
Description  Motor Protection Analyzer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

MPA2 Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  MPA2 Datasheet HTML 1Page - Automatic Timing & Controls, Inc. MPA2 Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
155
Diversified Electronics
800.727.5646
atcdiversified.com
Diversified Electronics
800.727.5646
atcdiversified.com
Motor Protection Analyzer
MPA2 is a micro-controlled based three-phase Motor Protec-
tion Analyzer Relay specifically designed to protect electric
loads and motors from failure and damage due to common
current and voltage faults.
MPA2 constantly supervises current and voltage values.
When any harmful condition occurs, the output connection is
deactivated until the fault disappears, power line conditions
return to an acceptable level and the motor has been totally
cooled. Specific timing such as Start Up Delay (TC) and Trip
Delay (TD) are incorporated to prevent nuisance tripping
due to rapid power fluctuations.
MPA2 provides LCD Display to indicate the output status
voltage, current, unbalance, frequency and load status and
failure conditions. It also provides four (4) push buttons (1
for START, 2 for ADJUST and 1 for SELECT) for operation and
protection parameters adjustment. Besides these mentioned
advantages, a Communication Port with MODBUS RTU proto-
col is included with MPA2.
An innovative mechanical design allows two (2) placement
options:
• Symmetrical Din-Rail mounting.
• Flat Surface mounting, using an exclusive attachable
mounting ear.
MPA2 has been developed using the most advanced technol-
ogy and designed in accordance with the IEEE, IEC and
NEMA protection standards and developed in compliance
with IEC electromagnetic compatibility standards, working
safely under the hardest electrical environments.
When you use a MPA2 Motor Protection Analyzer, you are
working with the best solution to protect your most impor-
tant investments.
MEASUREMENT OF:
• Current
• Voltage
• Frequency
• Power Factor (PF)
• Reactive Power (KVA)
• Real Power (KW)
• Energy Consumption (KWH)
REPORTS:
• Voltage & Current report
• PF, KVA, KWH, KW report
• Adjusted Values report
• Total Motor Running Time report
• Start Mode report
• 20 Last Fault report
• Power Frequency report
• Motor Temperature report
COMMUNICATIONS:
• COM-LINK RS485@ 9600 baud
output available (MODBUS RTU
protocol)
PHYSICAL FEATURES:
• Din-Rail, Flat Surface or Flush
mounting
• 16x2 LCD Display with current
values, voltage values, and load
report information on screen
• Four (4) push buttons for op-
eration and protection param-
eter adjustments (I for START, 2
for ADJUST and I for SELECT)
• Enclosure material UL94V0
ADJUSTMENTS OF:
• Overload
• Undercurrent
• Overvoltage
• Undervoltage
• Current Unbalance
• Voltage Unbalance
• Frequency
• Trip Delay
• Start Up Delay after Voltage
• Fault Recovery
• Motor Thermal Class
• Clock Adjustment
• Control of Motor High-Inertia
Load
• Schedule Timer
• AUTO / MANUAL Restart Mode
• Password
PROTECTION AGAINST:
• Overload / Undercurrent
• Overvoltage / Undervoltage
• Frequency Shift
• Voltage Unbalance
• Current Unbalance
• Single Phasing
• Phase Reversal
• Locked Rotor
OTHERS:
• Thermal memory
OVERVIEW
FEATURES
Designed according to Ce
Standards (LVD and EMC):
IEC
61010-1
IEC
60255-6
IEC
60255-8
IEC
60947-1
PRODUCT STANDARDS
Designed according
to:
UL 60947-4-1
IEEE C37.112
DIMENSIONS (INCHES/MILLIMETERS)
Eq. Co.Ind. 496Y


Similar Part No. - MPA2

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPA200L MPD-MPA200L Datasheet
336Kb / 2P
Low Profi le 200W Single Output Power Factor Corrected AC/DC Power Supplies
MPA200LX-03Z MPD-MPA200LX-03Z Datasheet
336Kb / 2P
Low Profi le 200W Single Output Power Factor Corrected AC/DC Power Supplies
MPA200LX-05Z MPD-MPA200LX-05Z Datasheet
336Kb / 2P
Low Profi le 200W Single Output Power Factor Corrected AC/DC Power Supplies
MPA200LX-12Z MPD-MPA200LX-12Z Datasheet
336Kb / 2P
Low Profi le 200W Single Output Power Factor Corrected AC/DC Power Supplies
MPA200LX-24Z MPD-MPA200LX-24Z Datasheet
336Kb / 2P
Low Profi le 200W Single Output Power Factor Corrected AC/DC Power Supplies
More results

Similar Description - MPA2

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59100M1060A070 EPCOS-B59100M1060A070 Datasheet
79Kb / 4P
Motor Protection, Single Sensors
B59300M1060A070 EPCOS-B59300M1060A070 Datasheet
85Kb / 5P
Motor Protection, Triple Sensors
B59100 EPCOS-B59100 Datasheet
338Kb / 8P
Motor protection, single sensors
logo
Qualtek Electronics Cor...
FAA1-12038-A QUALTEK-FAA1-12038-A Datasheet
1Mb / 1P
Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
FQA1-12038 QUALTEK-FQA1-12038 Datasheet
3Mb / 1P
Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
logo
Keysight Technologies
E4990A KEYSIGHT-E4990A Datasheet
4Mb / 30P
Impedance Analyzer
logo
TEKTRONIX, INC.
RSA500A TEKTRONIX-RSA500A Datasheet
2Mb / 36P
Spectrum Analyzer
logo
GREEGOO Electric Co.,Lt...
E3VU13 GREEGOO-E3VU13 Datasheet
1Mb / 10P
Motor protection circuit breaker
logo
Fluke Corporation
MDA-550 FLUKE-MDA-550 Datasheet
3Mb / 36P
Motor Drive Analyzer
logo
Pepperl+Fuchs Inc.
VAZ-ZPA-ANALYZER PF-VAZ-ZPA-ANALYZER Datasheet
198Kb / 2P
Analyzer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com