Electronic Components Datasheet Search
  English  ▼

X  

SENSERTBASEUNIT Datasheet(PDF) 2 Page - Automatic Timing & Controls, Inc.

Part # SENSERTBASEUNIT
Description  SENSERT Base Unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

SENSERTBASEUNIT Datasheet(HTML) 2 Page - Automatic Timing & Controls, Inc.

  SENSERTBASEUNIT Datasheet HTML 1Page - Automatic Timing & Controls, Inc. SENSERTBASEUNIT Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
6
sensertio.com
800.727.5646
atcdiversified.com
sensertio.com
800.727.5646
atcdiversified.com
SENSERT ECOSYSTEM
APPLICATIONS
SENSERT Base Unit
• Power Supply: 5-30 VDC
• Analog Input: 4 [0-20 mA, 4-20 mA, 0-5 V, 0-10 V]
• Digital Input: 2 [Dry Contact]
• Digital Output 1 [Relay]
• WiFi (Pictured) or Cellular Cloud Communication
SENSERT Remote I/O
• Power Supply: 12-24 VDC or battery [CR2450]
• Analog Input: 1 [0-20 mA, 4-20 mA, 0-5 V, 0-10 V]
• Digital Input: 1 [Dry Contact]
• Bluetooth LE or Mesh Communications
*Sensor
• Any type of sensor with analog output of 0-20 mA
4-20 mA, 0-5 V, 0-10 V
Water
Agriculture
Oil & Gas
Communications
Manufacturing
Electronics
Medical
Industrial
Electricity
Food & Beverage
SENSOR TYPES
Humidity
Vibration
Flow
Current/Load
Level
Pressure
Temperature
RESOLUTION
4096 (12 bit ADC)
REPORT INTERVAL
Configurable
DATA
As frequent as every 30 seconds
ALERTS
Configurable through the SENSERT
Mobile App or Web Portal.
Each channel can be configured for a
high or low threshold value as well
as custom alerts.
OPERATION TEMP
-4 to 131°F (-20 to 55°C)
ACCURACY
1% for all inputs, 2% for internal
measurements
COMMUNICATION
RS485 [FUTURE DEVELOPMENT]
DISTANCE
The Remote I/O can communicate up
to 100m away (line-of-sight).
Exact communication distance will be
affected by objects between the
Base Unit and Remote I/O and any
outside wireless interference.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com