Electronic Components Datasheet Search
  English  ▼

X  

TMP93PS40 Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TMP93PS40
Description  CMOS 16-Bit Microcontroller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93PS40 Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TMP93PS40 Datasheet HTML 9Page - Toshiba Semiconductor TMP93PS40 Datasheet HTML 10Page - Toshiba Semiconductor TMP93PS40 Datasheet HTML 11Page - Toshiba Semiconductor TMP93PS40 Datasheet HTML 12Page - Toshiba Semiconductor TMP93PS40 Datasheet HTML 13Page - Toshiba Semiconductor TMP93PS40 Datasheet HTML 14Page - Toshiba Semiconductor TMP93PS40 Datasheet HTML 15Page - Toshiba Semiconductor TMP93PS40 Datasheet HTML 16Page - Toshiba Semiconductor TMP93PS40 Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
TMP93PS40
2004-02-10
93PS40-11
3.3
PROM Mode
(1) Mode setting and function
PROM mode is set by setting the RESET and CLK pins to the “L” level. The
programming and verification for the internal PROM is achieved by using a general PROM
programmer with the adaptor socket.
1. OTP adaptor
BM11109: TMP93PS40F, TMP93PW40F adaptors
BM11129: TMP93PS40DF, TMP93PW40DF adaptors
2. Setting OTP adaptor
Set the switch (SW1) to N side.
3. Setting PROM programmer
1) Set PROM type to TC571000D.
Size: 1 Mbits (128 K
× 8 bits)
VPP: 12.75 V
tpw: 100
µs
The electric signature mode (hereinafter referred to as “signature”.) is not
supported. Therefore if signature is used, the device is damaged because 12.75 V
is applied to A9 of address. Do not use signature.
2) Transferring the data (copy)
In TMP93PS40, PROM is placed on addresses 00000 to 0FFFFH in PROM mode,
and addresses 08000H to 17FFFH in MCU mode. Therefore data should be
transferred to addresses 00000 to 0FFFFH in PROM mode using the object
converter (tuconv) or the block transfer mode (see instruction manual of PROM
programmer.) or making the object data.
3) Setting the programming address
Start address: 00000H
End address: 0FFFFH
Using PROM programmer which can not set the programming address, set FFH
at addresses 10000H to 1FFFFH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com