Electronic Components Datasheet Search
  English  ▼

X  

TMP93PS44 Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TMP93PS44
Description  CMOS 16-Bit Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93PS44 Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TMP93PS44 Datasheet HTML 9Page - Toshiba Semiconductor TMP93PS44 Datasheet HTML 10Page - Toshiba Semiconductor TMP93PS44 Datasheet HTML 11Page - Toshiba Semiconductor TMP93PS44 Datasheet HTML 12Page - Toshiba Semiconductor TMP93PS44 Datasheet HTML 13Page - Toshiba Semiconductor TMP93PS44 Datasheet HTML 14Page - Toshiba Semiconductor TMP93PS44 Datasheet HTML 15Page - Toshiba Semiconductor TMP93PS44 Datasheet HTML 16Page - Toshiba Semiconductor TMP93PS44 Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
TMP93PS44
2004-02-10
93PS44-11
(5) Program storing area of PROM mode
The TMP93PS44 has the program space (FF0000H to FFFFFFH) of 64 Kbytes. The
address 0000H to FFFFH of PROM mode equals to the address FF0000H to FFFFFFH of
MCU mode.
(6) Program write setting method using a general PROM programmer
PROM to be prepared should equal to TC571000D functions.
1. Set the switch (SW1) of BM11128 (hereinafter referred to as “adapter” ) to the program
side (NOR) (Note 1).
2. Connect MCU to the adapter (Note 2).
3. Connect the adapter to PROM programmer (Note 2).
4. Set the PROM type of PROM programmer to TC571000D.
5. Set the start address for writing PROM to 0000H, and the end address to FFFFH (Note
3).
6. Writing to built-in one time PROM and verifying should be operated according to the
operation procedures of PROM programmer.
Note 1: If data is written to built-in one time PROM without setting the switch (SW1) to the
program side, the device would be damaged.
Note 2: Please set with the first pin of the adapter and that of PROM programmer socket
matched. If the first pin is conversely set, MCU or programmer would be damaged.
Note 3: If data “0” is written to the address which is over FFFFH, the contents of the original
program would be damaged because of writing “0” to the addresses 0000H to FFFFH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com