Electronic Components Datasheet Search
  English  ▼

X  

KB3440EDD Datasheet(PDF) 2 Page - Kingbor Technology Co

Part # KB3440EDD
Description  Micropower Synchronous Buck-Boost DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3440EDD Datasheet(HTML) 2 Page - Kingbor Technology Co

  KB3440EDD Datasheet HTML 1Page - Kingbor Technology Co KB3440EDD Datasheet HTML 2Page - Kingbor Technology Co KB3440EDD Datasheet HTML 3Page - Kingbor Technology Co KB3440EDD Datasheet HTML 4Page - Kingbor Technology Co KB3440EDD Datasheet HTML 5Page - Kingbor Technology Co KB3440EDD Datasheet HTML 6Page - Kingbor Technology Co KB3440EDD Datasheet HTML 7Page - Kingbor Technology Co KB3440EDD Datasheet HTML 8Page - Kingbor Technology Co KB3440EDD Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Start-Up Voltage
●
2.4
2.5
V
Input Operating Range
●
2.5
5.5
V
Output Voltage Adjust Range
●
2.5
5.5
V
Feedback Voltage
●
1.196
1.22
1.244
V
Feedback Input Current
VFB = 1.22V
1
50
nA
Quiescent Current, Burst Mode Operation
VC = 0V, MODE/SYNC = 3V (Note 3)
40
50
µ A
Quiescent Current, Shutdown
SHDN = 0V, Not Including Switch Leakage
0.1
1
µ A
Quiescent Current, Active
VC = 0V, MODE/SYNC = 0V (Note 3)
2800
4000
µ A
NMOS Switch Leakage
Switches B and C
0.1
5
µ A
PMOS Switch Leakage
Switches A and D
0.1
10
µ A
NMOS Switch On Resistance
Switches B and C
0.19
PMOS Switch On Resistance
Switches A and D
0.22
Input Current Limit
●
1A
Maximum Duty Cycle
Boost (% Switch C On)
●
55
75
%
Buck (% Switch A On)
●
100
%
Minimum Duty Cycle
●
0%
Frequency Accuracy
●
0.8
1
1.2
MHz
MODE/SYNC Threshold
0.4
2
V
MODE/SYNC Input Current
VMODE/SYNC = 5.5V
0.01
1
µ A
Error Amp AVOL
90
dB
Error Amp Source Current
15
µ A
Error Amp Sink Current
380
µ A
(Note 1)
VIN, VOUT Voltage........................................ – 0.3V to 6V
SW1, SW2 Voltage ..................................... – 0.3V to 6V
VC, RT, FB, SHDN/SS,
MODE/SYNC Voltage .................................. – 0.3V to 6V
ORDER PART
NUMBER
kB3440EDD
TJMAX = 125°C,
JA = 130°C/ W 1 LAYER BOARD
JA = 100°C/ W 4 LAYER BOARD
JC = 45
°C/ W
The
● denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VIN = VOUT = 3.6V, RT = 60k, unless otherwise noted.
DD
PART MARKING
XXXX
1
2
3
4
5
RT
MODE/SYNC
SW1
SW2
GND
10
9
8
7
6
VC
FB
SHDN/SS
VIN
VOUT
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
kB3440EMS
MS
PART MARKING
HX-AA
TOP VIEW
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
EXPOSED PAD (PIN 11) IS GND
MUST BE SOLDERED TO PCB
10
9
6
7
8
4
5
3
2
1
VC
FB
SHDN/SS
VIN
VOUT
RT
MODE/SYNC
SW1
SW2
GND
11
TJMAX = 125
°C, JA = 43°C/ W, JC = 3°C/ W
kB3440
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
ABSOLUTE MAXIMUM RATINGS
PACAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com