Electronic Components Datasheet Search
  English  ▼

X  

KB4313GRE Datasheet(PDF) 2 Page - Kingbor Technology Co

Part # KB4313GRE
Description  High Efficiency, Constant Current 12 Watt Boost White-LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4313GRE Datasheet(HTML) 2 Page - Kingbor Technology Co

  KB4313GRE Datasheet HTML 1Page - Kingbor Technology Co KB4313GRE Datasheet HTML 2Page - Kingbor Technology Co KB4313GRE Datasheet HTML 3Page - Kingbor Technology Co KB4313GRE Datasheet HTML 4Page - Kingbor Technology Co KB4313GRE Datasheet HTML 5Page - Kingbor Technology Co KB4313GRE Datasheet HTML 6Page - Kingbor Technology Co KB4313GRE Datasheet HTML 7Page - Kingbor Technology Co KB4313GRE Datasheet HTML 8Page - Kingbor Technology Co KB4313GRE Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Part number
Package
Marking
GRE
SOT23-6, Green
313, Date Code with one bottom line
: Date Code
Pin N0.
Symbol
I / O
Description
1
LX
I
Step-up Regulator N-MOS Drain. Place output diode and inductor.
2
GND
P
Ground
3
FB
I
Step-Up Regulator Feedback Input. Connect a sense resistor from FB to
ground.
4
EN
I
Enable and Dimming Control Input. LED brightness and IC shutdown are
controlled by the voltage on EN. Driving low for longer than 4ms to
shutdown the IC.
5
OVP
I
Over-voltage protection input. Connect to the output.
6
VIN
P
Power supply.
Parameter
Rated Value
Unit
VIN voltage
-0.3 to +6.5
V
LX , OVP voltage
-0.3 to +35
V
EN , FB to GND
-0.3 to +6.5
V
Switch Current (ILX)
1.4
A
Continuous power dissipation (SOT23-6 Ta=+25
OC)
0.35
W
Operating Junction Temperature Range
-35 to 85
Lead
Temperature (Soldering 5 sec)
260
Storage Temperature
-65 to 125
Package Thermal Resistance (
JA)
250
/W
ESD Susceptibility (HBM)
2
KV
ESD Susceptibility (MM)
200
V
Note1:Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability
High Efficiency, Constant Current
2
KB4313
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
PIN CONFIGURATION
ORDER INFORMATION
PIN DESCRIPTION
(Note 1)
ABSOLUTE MAXIMUM RATINGS
KB4313
x x x x x
x x x x x
313
SOT23-6
REV: 2.0
12 Watt Boost White-LED Driver



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com