Electronic Components Datasheet Search
  English  ▼

X  

TMP94C241C Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TMP94C241C
Description  CMOS 32-Bit Microcontroller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP94C241C Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TMP94C241C Datasheet HTML 17Page - Toshiba Semiconductor TMP94C241C Datasheet HTML 18Page - Toshiba Semiconductor TMP94C241C Datasheet HTML 19Page - Toshiba Semiconductor TMP94C241C Datasheet HTML 20Page - Toshiba Semiconductor TMP94C241C Datasheet HTML 21Page - Toshiba Semiconductor TMP94C241C Datasheet HTML 22Page - Toshiba Semiconductor TMP94C241C Datasheet HTML 23Page - Toshiba Semiconductor TMP94C241C Datasheet HTML 24Page - Toshiba Semiconductor TMP94C241C Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 236 page
background image
TMP94C241C
2005-05-10
94C241C-19
3.3.2
Micro DMA
TMP94C241C supports the micro DMA function. For interrupt requests set for micro
DMA, micro DMA processing is performed at the highest priority for maskable interrupts,
regardless of the set interrupt level.
Since the micro DMA has eight channels, it can transfer continuously by the burst
specification which is described later.
(1) Micro DMA operation
When an interrupt request occurs for an interrupt specified by the micro DMA start
vector register, micro DMA sends data to the CPU with the highest priority for
maskable interrupts, regardless of the interrupt level set for the interrupt. If IFF
= 7,
micro DMA request is not accept.
The micro DMA function has eight channels. This allows micro DMA to be set for up
to eight interrupts at the same time.
When micro DMA is accepted, the interrupt request F/F for the micro DMA channel
is cleared, data are transferred (1 byte, 2 bytes, and 4 bytes) once from the transfer
source address to the transfer destination address (the addresses are set in the control
register), and the transfer counter is decremented. If the decremented result is 0, the
CPU informs a micro DMA transfer end to the interrupt controller. The interrupt
controller generates a micro DMA transfer end interrupt (INTTCn). The CPU clears
the micro DMA start vector register (DMAnV) 0, disables the next micro DMA startup,
and terminates the micro DMA processing. If the decremented result is other than 0,
micro DMA processing is terminated without the burst specification which is described
later. In this case, the transfer end interrupt (INTTCN) is not generated.
When the interrupt source is used only to start micro DMA, the interrupt level must
be set to “0”.
When the interrupt request generates until the interrupt sources are set to the micro
DMA start vector, the CPU performs the general-purpose interrupt processing at the
interrupt level of 1 to 6.
When simultaneously using the same interrupt resource for both the micro DMA and
general-purpose interrupts as described above, set the level of the interrupt source
used to start micro DMA lower than the levels of all other interrupt sources.
Like other maskable interrupts, the priority of the micro DMA transfer end interrupt
is determined by the interrupt level and default priority.
If multiple-channel micro DMA requests occur at the same time, the priority is
determined by the channel numbers, not the interrupt levels. The lower the channel
number, the higher the priority. (CH0 (High) to CH2 (Low).)
The transfer source and transfer destination addresses are set in 32-bit control
registers. However, as only 24-bit addresses are output, the address space available to
micro DMA is 16 Mbytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com