Electronic Components Datasheet Search
  English  ▼

X  

KB4317 Datasheet(PDF) 1 Page - Kingbor Technology Co

Part # KB4317
Description  High Efficiency, Constant Current 2 Watt Boost White-LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4317 Datasheet(HTML) 1 Page - Kingbor Technology Co

  KB4317 Datasheet HTML 1Page - Kingbor Technology Co KB4317 Datasheet HTML 2Page - Kingbor Technology Co KB4317 Datasheet HTML 3Page - Kingbor Technology Co KB4317 Datasheet HTML 4Page - Kingbor Technology Co KB4317 Datasheet HTML 5Page - Kingbor Technology Co KB4317 Datasheet HTML 6Page - Kingbor Technology Co KB4317 Datasheet HTML 7Page - Kingbor Technology Co KB4317 Datasheet HTML 8Page - Kingbor Technology Co KB4317 Datasheet HTML 9Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
High Efficiency, Constant Current
2 Watt Boost White-LED Driver
•Operating Voltage:2.3V~6.5V
•High Operating Frequency: 1.2MHz
•High Output Voltage: Up to 32V
•Shutdown Current <1 A
•30V Output Over-voltage protection (min)
•Digital Dimming Control.
•Built-in Cycle-by Cycle Current-limiting.
•Built-in Soft-Start Function.
•0.25V Low Reference Voltage(+/-5%)
•Tiny SOT23-6 Package
• LED Module
• LED Backlight for LCD Display Vcc>3.6V(7 ~8 )
• Constant Current Source
The KB4317 step-up converter drives white LEDs
with a constant current to provide backlight in cell
phones, PDAs, and other hand-held devices. It
features allowing series connection of the white
LEDs so that the LED currents are identical for
uniform brightness. An enable input can be pulsed
repeatedly to adjust LED’s brightness. The fast 1.2
MHz current-mode PWM control allows for smaller
capacitor and inductor. Fault condition protection
uses
cycle-by-cycle
current
limiting
to
sense
maximum inductor current, thermal protection and
over-voltage protection. Also included soft-start
eliminates inrush current during start-up. The 0.25V
low reference voltage minimized the power loss
across the current-setting resistor.
The KB4317 is available in SOT23-6 packages
LX
VREF(250mV)
+
-
FB
ON/OFF
Control
Logic / PWM
Dimming
Control
GND
Control Logic
EN
VREF
0.25V
N
VBG
1.23V
VIN
+
-
VBG
OVP
+
-
Overvoltage
Protection
Current Limit
0.75A
CTL
CTL
22V(300uA)
Soft-Start
1
KB4317
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
•High Efficiency: Up to 90%
•High Output Power: 2W
APPLICATIONS
FEATURES
DESCRIPTION
SIMPLIFIED BLOC DIAGRAM
”
”
REV: 1.0


Similar Part No. - KB4317

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB4312 KINGBOR-KB4312 Datasheet
181Kb / 9P
Tiny Package, High Performance, Constant Current Switching Regulator for White LED
KB4312A-GRE KINGBOR-KB4312A-GRE Datasheet
181Kb / 9P
Tiny Package, High Performance, Constant Current Switching Regulator for White LED
KB4312B-GRE KINGBOR-KB4312B-GRE Datasheet
181Kb / 9P
Tiny Package, High Performance, Constant Current Switching Regulator for White LED
KB4313 KINGBOR-KB4313 Datasheet
210Kb / 10P
High Efficiency, Constant Current 12 Watt Boost White-LED Driver
KB4313GRE KINGBOR-KB4313GRE Datasheet
210Kb / 10P
High Efficiency, Constant Current 12 Watt Boost White-LED Driver
More results

Similar Description - KB4317

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1312 AIMTRON-AT1312 Datasheet
408Kb / 16P
High Efficiency, Constant Current White-LEDs Driver
AT1313 AIMTRON-AT1313 Datasheet
195Kb / 12P
High Efficiency, Constant Current White-LED Driver
logo
Kingbor Technology Co
KB4313 KINGBOR-KB4313 Datasheet
210Kb / 10P
High Efficiency, Constant Current 12 Watt Boost White-LED Driver
KB4314 KINGBOR-KB4314 Datasheet
150Kb / 9P
High Efficiency, Constant Current 1 Watt Boost White-LED Driver
logo
Global Mixed-mode Techn...
G2619 GMT-G2619 Datasheet
109Kb / 1P
High Efficiency, Constant Current 20V White- LEDs Driver
AT1316A GMT-AT1316A Datasheet
101Kb / 1P
High Efficiency, Constant Current 20V White-LEDs Driver
logo
Shenzhen Huazhimei Semi...
HM3344 HMSEMI-HM3344 Datasheet
581Kb / 9P
Precision, high efficiency buck-boost LED constant current driver
HM3341 HMSEMI-HM3341 Datasheet
679Kb / 9P
High-precision, high-efficiency buck-boost LED constant current driver
HM5305 HMSEMI-HM5305 Datasheet
423Kb / 9P
Boost high-power LED constant current driver
HM9284 HMSEMI-HM9284 Datasheet
1Mb / 9P
1.2MHz, High Efficiency Boost White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com