Electronic Components Datasheet Search
  English  ▼

X  

PI3EQX16908GL Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PI3EQX16908GL
Description  1.8V, 16Gbps, 2/1 Lane, PCIe 4.0 Linear ReDriver Provides Lower-Power Operation for Portable and PC Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3EQX16908GL Datasheet(HTML) 2 Page - Diodes Incorporated

  PI3EQX16908GL Datasheet HTML 1Page - Diodes Incorporated PI3EQX16908GL Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
diodes.com
PI2EQX16934
PI2EQX16932
Typical Application
PCIe 4.0 ReDriver Portfolio
Ordering Information
February 2025
Orderable Part Number
Compliance
(Only Automotive
supports PPAP)
Package
Code
Package
Moisture
Sensitivity
Packing
Quantity
Carrier
PI2EQX16932XUAEX
Standard
XUA32
32-contact X2QFN
(2.85mm x 4.5mm)
MSL-1
3,500
13’’ Tape
& Reel
PI2EQX16934XUAEX
Standard
XUA32
32-contact X2QFN
(2.85mm x 4.5mm)
MSL-1
3,500
13’’ Tape
& Reel
PI2EQX16934
Part Number
Supply
Voltage
Channels
Data Rate
Output
Swing Max
Programming Interface(s)
Package
Gbps
mV
V
PI2EQX16932
1.8
2
16
1,200
I2C Slave Mode
X2QFN (XUA32)
PI2EQX16934
1.8
4
16
1,200
I2C Slave Mode
X2QFN (XUA32)
PI3EQX16904GL
3.3
4
16
1,200
Pinstrap/I2C Master/Slave
TQFN (ZH42)
PI3EQX16908GL
3.3
8
16
1,200
Pinstrap/I2C Master/Slave
TQFN (ZL72)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com