Electronic Components Datasheet Search
  English  ▼

X  

SP846 Datasheet(PDF) 2 Page - Solid State Inc

Part # SP846
Description  Zero Volt Cross Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

SP846 Datasheet(HTML) 2 Page - Solid State Inc

  SP846 Datasheet HTML 1Page - Solid State Inc SP846 Datasheet HTML 2Page - Solid State Inc SP846 Datasheet HTML 3Page - Solid State Inc SP846 Datasheet HTML 4Page - Solid State Inc SP846 Datasheet HTML 5Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SP846
1 Form A
Solid State Relay
ELECTRICAL CHARACTERISTICS - 25°C
PARAMETER
UNIT
MIN
TYP
MAX
TEST CONDITIONS
INPUT SPECIFICATIONS
LED Forward Voltage
V
1.2
1.5
If = 10mA
LED Reverse Voltage
V
612
Ir = 10uA
Turn On Current (Resistive Load)
m
5
6.5
Io = 1.2A, resistive load
A
Turn On Current (Inductive Current)
m
10
12
Io = 300uA
A
Junction Capacitance
p
5
Vf = 0V
F
OUTPUT SPECIFICATIONS
Blocking Voltage
V
700
Io = 700uA
Continuous Load Current
A
1.2
If = 6.5mA
Surge Current Rating
A
10
T = 16ms
Holding Current
m
10
A
On-Voltage
V
1.2
Io = 1.2A
Zero Cross Turn-On Threshold Voltage
V
5
If = 6.5mA
Leakage Current
µ
100
250
Vo = 250V
A
Thermal Resistance
°
80
C/W
Power Factor
0.3
See Note 1 below
Critical Rate of Rise (dV/dt)
V
400
/
µ s
COUPLED SPECIFICATIONS
Isolation Voltage
V
3750
T = 1 minute
Isolation Resistance
G
100
Ω
Coupled Capacitance
p
6
F
www.ssousa.com • +1.408.293.4600
Page 2 of 5
SP846
rev 1.42 (9/4/2009)
© 2009 Solid State Optronics • San José, CA
Note 1: Snubber circuits may be required for lower power factors
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com