Electronic Components Datasheet Search
  English  ▼

X  

KTC2000EB340 Datasheet(PDF) 1 Page - Schneider Electric

Part # KTC2000EB340
Description  Canalis KT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

KTC2000EB340 Datasheet(HTML) 1 Page - Schneider Electric

  KTC2000EB340 Datasheet HTML 1Page - Schneider Electric KTC2000EB340 Datasheet HTML 2Page - Schneider Electric KTC2000EB340 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Straight length, Canalis KTC,
copper, 2000A, 3L+PE, fixed length
4m, 2 outlets for bolt on tap off unit,
RAL9001
KTC2000EB340
기본항목
레인지
Canalis
제품명
KT
제품 또는 구성요소 타입
Busbar trunking
버스바 설명
Distribution length
모델명
KTC
tap-off unit compatibility
Bolt-on 탭-오프 장치 Canalis - KT
Application
High power distribution
자재
구리
[Ie]
정격 운전 전류
2000 A 에서 35 °C
polarity
3L + PE
탭 오프 아울렛의 수
2
공칭 출력 전류
400…1250 A
earth conductor
Standard earth
short-circuit level
Standard version
길이
4000 mm
제공된 장비
Trunking unit
Jointing unit
전기적/기계적 특성
하우징 자재
Polyester film
접점 자재
Copper
[Ue]
정격 운전 전압
1000 V
네트워크 주파수
50/60 Hz
[Ui]
정격 절연 전압
1000 V
[Icw]
정격 단시간 내 전류
110 KA
[Ipk]
정격 단시간 내 전류 파고치
242 KA
전기적 연결
Bolted connection
radiated magnetic field
0.9 µT
thermal stress limit
4900000 kA².s
THDI
15…33 % 1600 A
0…15 % 2000 A
33…100 % 1350 A
제품 데이터 시트
사양
2025. 3. 21.
1


Similar Part No. - KTC2000EB340

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
KTC2000EB320 SCHNEIDER-KTC2000EB320 Datasheet
256Kb / 3P
Canalis KT
2025. 3. 21.
More results

Similar Description - KTC2000EB340

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
KT15R25 SHINDENGEN-KT15R25 Datasheet
136Kb / 1P
TSS KT Series
logo
Winchester Electronics ...
KTK-3 WINCHESTER-KTK-3 Datasheet
29Kb / 1P
KT STEEPER
KTK-4 WINCHESTER-KTK-4 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-5 WINCHESTER-KTK-5 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-6 WINCHESTER-KTK-6 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-7 WINCHESTER-KTK-7 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-8 WINCHESTER-KTK-8 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-9 WINCHESTER-KTK-9 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-11 WINCHESTER-KTK-11 Datasheet
27Kb / 1P
KT-SIRPPER
KTK-12 WINCHESTER-KTK-12 Datasheet
29Kb / 1P
KT-SIRPPER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com