Electronic Components Datasheet Search
  English  ▼

X  

JZX-18FF Datasheet(PDF) 2 Page - DB Lectro Inc

Part # JZX-18FF
Description  RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JZX-18FF Datasheet(HTML) 2 Page - DB Lectro Inc

  JZX-18FF Datasheet HTML 1Page - DB Lectro Inc JZX-18FF Datasheet HTML 2Page - DB Lectro Inc JZX-18FF Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Small size, light weight, heavy reverse power.
Optional mounting ways.
Firm structure, strong anti-shock & anti vibration.
Suitable for automatic control, telecommunication equipment, household electrical appliances and machinery electrical
facilities.
JZX-18FF 2C a DC12V 1 L
1
2
3
4
5
6
Ordering Information
Contact Data
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
1 Part number
JZX-18FF
2 Contact arrangement
2A:2A
2B:2B
2C:2C
3A:3A
3B:3B
3C:3C
4C:4C
3 Terminal
a: inserting type
b: PCB type
4 Coil rated Voltage(V) AC:6,12,24,36,48,110,120,220
DC:6,12,24,36,48,110
5 Cover
1:1Mode
2:2 Mode
6 Coil transient suppression
L:with LED
D:with diode;
LD:with LED & diode
NIL:standard
2A (DPSTNO)
2B (DPSTNC)
2C (DPDT (B-M)
3A (3PSTNO)
3B (3PSTNC)
3C (3PDT (B-M)
4C (4PDT(B-M))
Contact Arrangement
Contact Material
Ag
CdO
Silver Alloy
Contact Rating
2A,2B,2C&3A,3B,3C:5A/220VAC,28VDC; Heavy load:7A/220VAC,28VDC
(resistive)
4C:3A/220VAC,28VDC; Heavy load:5A/220VAC,28VDC
Max. Switching Power
1250W
2500VA
Max. Switching Voltage
150VDC 380VAC
Max.Switching Current:7A
Max. Resistance or
Voltage drop
50m
Item 3.12 of IEC255-7
5
5
5
Electrical
3A:5
10 5A:2
10 7A:1
10
Item 3.30 of IEC255-7
7
7
Mechanical
2
10 Heavy load:1
10
Item 3.31 of IEC255-7
Rated
current
mA
Pick up
voltage
V(max)
(80%of rated
Voltage)
Release
voltage
V(min)
(30%of rated
voltage)
Coil
power
Operate
Time
ms
Release
Time
ms
Rated
Max.
AC
006AC
6
6.6
11.5
183.0
4.8
1.8
012AC
12
13.2
46
91.0
9.6
3.6
024AC
24
26.4
184
46.0
19.2
7.2
036AC
36
39.6
370
33.0
28.8
10.8
048AC
48
52.8
735
24.0
38.4
14.4
110AC
110
121
3750
11.0
88.0
33.0
120AC
120
132
4550
9.8
96.0
36.0
220AC
220
242
14400
4.2
176
66.0
1.2VA
25
25
0.9W
25
25
DC
006-900
6
6.6
40
150
4.8
0.6
012-900
12
13.2
160
75
9.6
1.2
024-900
24
26.4
640/650
36.9
19.2
2.4
036-900
36
39.6
1500
24.5
28.8
3.6
048-900
48
52.8
2600
18.5
38.4
4.8
110-900
110
121
11000
10.0
88.0
11.0
03001003515
E158859
R2133923
JZX-18FF
28
21.5
35
Features
Coil Parameter
R
C
US
Operation
life
al
10%of rated
voltage
Dash
numbers
Coil voltage
V
Coil
resistance
10%
Operation condition
1)
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
1)
Dielectric Strength
Between contacts
Between contact and coil
50Hz 1000V
Item 6 of IEC255-5
50Hz 1500V
Item 6 of IEC255-5
2
Shock resistance
100m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz double amplitude 1.5mm
IEC68-2-6 Test Fc
Terminals strength
8N 4N(PC type)
IEC68-2-21 Test Ua2
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-55~70
Relative Humidity
85% (at 40
)
IEC68-2-3Test Ca
Mass
37g
Note: 1). When testing, coil terminals should be connected , if LED is installed in relay .
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval
UL&CUR
T V
CQC
Load
4C:5A/220VAC,28VDC
5A/220VAC,28VDC
5A/220VAC
21.5max.
3.5
Mounting (Bottom view)
Dimensions
Wiring diagram
(Bottom view)
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Reference Data
40
35
30
25
20
15
70
JZX-18FF
+
+
+
2mode
1mode
U
Dimensions
mm /inch
5.8
0.228
0.846max.
21.5max.
0.846max.
0.248
0.138
Inserting type
PCB type
Leading end shape diagram
0.098
0.047
2.5
1.0
0.098
0.039
0.051
8- 1.5
0.051
11- 1.5
0.051
14- 1.5
16.8
0.661
16.8
4.1
0.161
0.661
6.3
0.248
4.1
0.161
6.3
0.248
0.661
16.8
4.1
0.161
6.3
0.248
2.5
1.2
28max.
1.102max.
Ningbo Forward Relay Corporation LTD.
NHG RELAYS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com