Electronic Components Datasheet Search
  English  ▼

X  

AX1110 Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX1110
Description  350mA Low Dropout Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1110 Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX1110 Datasheet HTML 1Page - AXElite technology co. ltd AX1110 Datasheet HTML 2Page - AXElite technology co. ltd AX1110 Datasheet HTML 3Page - AXElite technology co. ltd AX1110 Datasheet HTML 4Page - AXElite technology co. ltd AX1110 Datasheet HTML 5Page - AXElite technology co. ltd AX1110 Datasheet HTML 6Page - AXElite technology co. ltd AX1110 Datasheet HTML 7Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/7
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.6 Dec.14, 2011
AX1110
PIN ASSIGNMENT
The package of AX1110 is SOT-23-3L; the pin assignment is given by:
1
SOT-23-3L
AX1110
2
3
VOUT
(Top View)
GND
VIN
Name
Description
Adj
(GND)
A resistor divider from this pin to the
VOUT pin and ground sets the output
voltage. (Ground only for
Fixed-Mode)
VIN
The input pin of regulator. Typically
a large storage capacitor (0.15Ω ≤
ESR ≤ 20Ω) is connected from this
pin to ground to insure that the input
voltage does not sag below the
minimum dropout voltage during the
load transient response. This pin
must always be 1.4V higher than
VOUT in order for the device to
regulate properly.
VOUT
The output of the regulator. A
minimum of 10uF capacitor (0.15Ω
≤ ESR ≤ 20Ω) must e connected
from this pin to ground to insure
stability.
ORDER/MARKING INFORMATION
Order Information
Top Marking
AX 1110 X XX X
Low Dropout
Regulator
Package
Vout
R : SOT-23-3L Blank : ADJ
15 : 1.5V
18 : 1.8V
25 : 2.5V
33 : 3.3V
50 : 5.0V
Packing
Blank : Bag
A
: Taping
Output Type:
DA : ADJ
D1 : 1.5V
D2 : 1.8V
D3 : 2.5V
D4 : 3.3V
D5 : 5.0V
L LY W
WW : 01~26(A~Z)
27~52(a~z)
X
ID Code: internal
Year: 8=2018
9=2019
B=2020
C=2021
D=2022
Z=2044
:
ABSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Rating
Unit
DC Supply Voltage
VIN
-0.3 to 15
V
Operating Junction Temperature Range
TOP
-40 to +125 °C
Maximum junction Temperature
TMJ
150
°C
Power Dissipation (multi-layer PCB cupper area 2mm*2mm)
TA=25°C, TJ=125°C, SOT-23
PD
450
mW
Storage Temperature
TST
-65 to +150 °C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com