Electronic Components Datasheet Search
  English  ▼

X  

R7154 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # R7154
Description  PHOTOMULTIPLIER TUBE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R7154 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R7154 Datasheet HTML 1Page - Hamamatsu Corporation R7154 Datasheet HTML 2Page - Hamamatsu Corporation R7154 Datasheet HTML 3Page - Hamamatsu Corporation R7154 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GENERAL
PHOTOMULTIPLIER TUBE
R7154
Figure 1: Typical Spectral Response
TPMSB0128EA
WAVELENGTH (nm)
100
300
200
400
500
0.01
0.1
1
10
100
CATHODE RADIANT
SENSITIVITY
QUANTUM
EFFICIENCY
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2006 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
SPECIFICATIONS
FEATURES
GSpectral Response ..................................
GCathode Sensitivity
Radiant at 254 nm .....................................
Quantum Efficiency at 254 nm ........................
GAnode Sensitivity (at 1000 V)
Radiant at 254 nm ............................
APPLICATIONS
GEmission Spectroscopy
GUV Spectrophotometers
160 nm to 320 nm
62 mA/W Typ.
30 % Typ.
6.2
× 105 A/W Typ.
High Sensitivity Solar Blind Photocathode (160 nm to 320 nm)
28 mm (1-1/8 Inch) Diameter, 9-Stage, Side-On Type
Parameter
Description/Value
Unit
Spectral Response
Wavelength of Maximum Response
Photocathode
Window Material
Dynode
Direct Interelectrode
Capacitances
Base
Weight
Operating Ambient Temperature
Storage Temperature
SuitabIe Socket
SuitabIe Socket Assembly
160 to 320
254
Cs-Te
8
× 24
Quartz
Sb-Cs
Circular-cage
9
4
6
11-pin base JEDEC No. B11-88
Approx. 45
-30 to +50
-30 to +50
E678–11A (Sold Separately)
E717–63 (Sold Separately)
E717–74 (Sold Separately)
nm
nm
—
mm
—
—
—
—
pF
pF
—
g
°C
°C
—
—
MateriaI
Minimum Effective Area
Secondary Emitting Surface
Structure
Number of Stages
Anode to Last Dynode
Anode to All Other Electrodes


Similar Part No. - R7154

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R7154 HAMAMATSU-R7154 Datasheet
48Kb / 4P
PHOTOMULTIPLIER TUBE
R7154 HAMAMATSU-R7154_15 Datasheet
213Kb / 4P
PHOTOMULTIPLIER TUBE
More results

Similar Description - R7154

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
PHOTOMULTIPLIER TUBE
R12199 HAMAMATSU-R12199_15 Datasheet
126Kb / 2P
PHOTOMULTIPLIER TUBE
R7154 HAMAMATSU-R7154_15 Datasheet
213Kb / 4P
PHOTOMULTIPLIER TUBE
R4124 HAMAMATSU-R4124_15 Datasheet
40Kb / 2P
PHOTOMULTIPLIER TUBE
R3998-02 HAMAMATSU-R3998-02_15 Datasheet
50Kb / 2P
PHOTOMULTIPLIER TUBE
R3896 HAMAMATSU-R3896_15 Datasheet
215Kb / 4P
PHOTOMULTIPLIER TUBE
R2496 HAMAMATSU-R2496_15 Datasheet
50Kb / 2P
PHOTOMULTIPLIER TUBE
R2257 HAMAMATSU-R2257_15 Datasheet
43Kb / 2P
PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_15 Datasheet
112Kb / 2P
PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com