Electronic Components Datasheet Search
  English  ▼

X  

R7447P Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # R7447P
Description  PHOTOMULTlPLlER TUBES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R7447P Datasheet(HTML) 2 Page - Hamamatsu Corporation

  R7447P Datasheet HTML 1Page - Hamamatsu Corporation R7447P Datasheet HTML 2Page - Hamamatsu Corporation R7447P Datasheet HTML 3Page - Hamamatsu Corporation R7447P Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAXIMUM RATINGS (Absolute Maximum Values)
Parameter
Value
Supply Voltage
Between Anode and Cathode
Between Anode and Last Dynode
1250
250
0.1
Vdc
Vdc
mA
Average Anode Current A
Unit
CHARACTERISTlCS (at 25
°C)
NOTES
Parameter
Min.
Typ.
Typ.
Max.
R7447
for General Purpose
R7447P
for Photon Counting
Cathode Sensitivity
Anode Dark Current F
Anode Dark CountsF
Anode Sensitivity
After 30minutes Storage in the darkness
0.2
2.0
Anode Current Stability L
A:
B:
C:
D:
E:
F:
G:
H:
J:
Averaged over any interval of 30 seconds maximum.
The light source is a tungsten filament lamp operated at a distribution tem-
perature of 2856K. Supply voltage is 150 volts between the cathode and all
other electrodes connected together as anode.
The value is cathode output current when a blue filter(Corning CS-5-58
polished to 1/2 stock thickness) is interposed between the light source and
the tube under the same condition as Note B.
Measured with the same light source as Note B and with the anode-to-
cathode supply voltage and voltage distribution ratio shown in Table 1 be-
low.
Measured with the same supply voltage and voltage distribution ratio as
Note D after removal of light.
Measured at the voltage producing the gain of 1
× 106.
ENI is an indication of the photon-limited signal-to-noise ratio. It refers to
the amount of light in watts to produce a signal-to-noise ratio of unity in the
output of a photomultiplier tube.
where
q = Electronic charge (1.60
× 10-19 coulomb).
ldb = Anode dark current(after 30 minute storage) in amperes.
G = Gain.
f = Bandwidth of the system in hertz. 1 hertz is used.
S = Anode radiant sensitivity in amperes per watt at the wave-
length of peak response.
The rise time is the time for the output pulse to rise from 10% to 90% of the
peak amplitude when the entire photocathode is illuminated by a delta
function light pulse.
The electron transit time is the interval between the arrival of delta function
light pulse at the entrance window of the tube and the time when the anode
output reaches the peak amplitude. In measurement, the whole photo-
cathode is illuminated.
K:
L:
Also called transit time jitter. This is the fluctuation in electron transit time
between individual pulses in the signal photoelectron mode, and may be
defined as the FWHM of the frequency distribution of electron transit times.
Hysteresis is temporary instability in anode current after light and voltage
are applied.
ENI =
S
2q.ldb.G. f
Current Hysteresis
Voltage Hysteresis
0.1
1.0
Radiant at 410nm (Peak)
70
BlueC
8
Anode Pulse Rise Time H
2.2
Electron Transit Time J
22
Transit Time Spread (TTS) K
1.2
Time Response D
Electrodes
K
Dy1 Dy2 Dy3 Dy4 Dy5 Dy6 Dy7 Dy8 Dy9
P
Distribution
Ratio
1
111
1
1
1111
SuppIy Voltage : 1000Vdc
K : Cathode,
Dy : Dynode,
P : Anode
Quantum Efficiency at 300nm
80
100
24
Gain E
ENI(Equivalent Noise Input) G
Unit
PHOTOMULTlPLlER TUBES R7447, R7447P (For Photon Counting)
Luminous B
Radiant at 400nm
8.4
× 105
Luminous D
1200
1000
3.30
× 10-17
Min.
Max.
0.2
0.5
nA
0.1
1.0
%
%
70
mA/W
8
µA/lm-b
2.2
22
1.2
ns
ns
ns
80
100
µA/lm
24
%
8.4
× 105
A/W
1200
A/lm
1000
1.2
× 107
1.2
× 107
10
50
cps
3.30
× 10-17
W
Table 1:Voltage Distribution Ratio
Hysteresis =
× 100(%)
lmax.
li
lmin.
(1)Current Hysteresis
The tube is operated at 750 volts with an anode current of 1 micro-ampere for
5 minutes. The light is then removed from the tube for a minute. The tube is
then re-illuminated by the previous light level for a minute to measure the
variation.
(2)Voltage Hysteresis
The tube is operated at 300 volts with an anode current of 0.1 micro-ampere
for 5 minutes. The light is then removed from the tube and the supply voltage
is quickly increased to 800 volts. After a minute, the supply voltage is then
reduced to the previous value and the tube is re-illuminated for a minute to
measure the variation.
TPMSB0002EA
TIME
max.
l
min.
l
i
l
0
5
6
7 (minutes)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com