Electronic Components Datasheet Search
  English  ▼

X  

43347 Datasheet(PDF) 2 Page - Campbell Scientific United Kingdom

Part # 43347
Description  RTD Temperature Probe and Aspirated Radiation Shield
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

43347 Datasheet(HTML) 2 Page - Campbell Scientific United Kingdom

  43347 Datasheet HTML 1Page - Campbell Scientific United Kingdom 43347 Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
80 Hathern Road, Shepshed, LE12 9GX UK | +(0)1509 828888 | sales@campbellsci.co.uk | www.campbellsci.eu
UK | AUSTRALIA | BRAZIL | CANADA | CHINA | COSTA RICA | FRANCE | GERMANY | SE ASIA | SOUTH AFRICA | SPAIN | USA
© 2012
Campbell Scientific
January 26, 2016
Specifications
Ordering Information
Temperature Probe (wiring configuration option
required)
43347 - R.M. Young RTD NIST calibrated Temperature Probe
in 4-wire configuration with 3 m standard cable. Other cable
lengths available in 5 m increments e.g. 5, 10, 15 m.
Calibration Option
Optional 3-point calibration for the 43347 that provides
±0.1°C uncertainty (-50° to +50°C).
Aspirated Shield
43502 - R.M. Young Aspirated Radiation Shield with AC
power supply (1.8 m lead).
Accessories
41003-5 - 10-plate Gill Naturally Aspirated Radiation
Shield for applications that do not require fan-aspiration. It
requires the #27251 split nut (see below).
#27251 - Split nut plug that is required to mount the 43347
in the 41003-5 radiation shield.
009043 - RAD14 - 14 plate unaspirated radiation shield
(14-25 mm dia).
CM210 - Crossarm-to-Pole Bracket for attaching the 43502
onto two tower legs via a crossarm (one of the CM210s is
included with the crossarm).
006903 - Suitable power cable for 43502 - specify required
length in metres to reach AC power supply.
4WPB1K - 4 wire PRT module (1k) required if not using the
current excitation outputs of a CR3000 or CR5000.
43347 RTD Temperature Probe
Sensing Element: HY-CAL 1000 Ω Platinum RTD
Temperature Range: ±50°C
Accuracy: ±0.3°C at 0°C; ±0.1°C with NIST calibration
Temperature Coefficient: 0.00375 Ω °C-1
Ambient Temperature (when housed in the 43502 shield):
< 0.2°C RMS at 1000 W/m2 intensity
Delta T (when housed in the 43502 shield): < 0.05°C RMS
with 43502 shields equally exposed
Overall Length: 17.8 cm (7 in)
Stainless-Steel Sheath Diameter: 0.478 cm (0.188 in)
Stainless-Steel Sheath Length: 6.12 cm (2.41 in)
Total Probe Tip Length (stainless-steel sheath and moulded
plastic): 10.08 cm (3.97 in)
Weight: 0.54 kg (1.2 lb)
43502 Aspirated Radiation Shield
Aspiration Rate: 5 to 11 m s-1 (16 to 36 fps) depending
on sensor size
Ambient Temperature: < 0.2°C (0.4°F) RMS at
1000 W/m2 intensity
Delta T: < 0.05°C (0.1°F) RMS with like shields equally
exposed
Power Required: 12 to 14 Vdc at 500 mA for blower
Mounting: V-block and U-bolt for vertical pipe with 2.5 cm
to 5.0 cm (1.0 in. to 2.0 in.) diameter
Length: 33 cm (13 in)
Diameter: 20 cm (8 in)
Weight: 1.1 kg (2.5 lb)
For the 2 m measurement, the 43502 attaches to the legs
of a UT20 or UT30 tower via a CM202, CM203, CM204, or
CM206 crossarm. Two CM210s can be used to attach the
crossarm to two tower legs.
For the upper measurement, attach the 43502 to the
top most mast of a UT930 tower (10 m measurement
height).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com