Electronic Components Datasheet Search
  English  ▼

X  

MITX-BYT Datasheet(PDF) 2 Page - Kontron

Part # MITX-BYT
Description  MINI-ITX INDUSTRIAL MOTHERBOARD WITH ATOM® E3800 SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

MITX-BYT Datasheet(HTML) 2 Page - Kontron

  MITX-BYT Datasheet HTML 1Page - Kontron MITX-BYT Datasheet HTML 2Page - Kontron MITX-BYT Datasheet HTML 3Page - Kontron MITX-BYT Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
// 2
www.kontron.com
PRODUCT HIGHLIGHTS
Intel® Atom® E3800 Series & Celeron® J1900 Series Processors
2x / 1x DDR3L SO-DIMM memory socket
1x LVDS 1x HDMI, 1x VGA for display output
2x GbE LAN for Ethernet
1x USB 3.0, 5x USB 2.0, 6x COM, 8-bit DIO, 1x Parallel Port
1x SATA, 1x mSATA for storage
1x mPCIe, 1x PCIe x1 for expansion
Extended temperature model available
mITX-BYT
MINI-ITX INDUSTRIAL MOTHERBOARD WITH ATOM® E3800 SERIES & CELERON® J1900 SERIES PROCESSORS
mITX-BYT is a Mini-ITX form factor industrial mainboard equipped
with Atom® E3800 Series & Celeron® J1900 Series processors.
Featured are 2x DDR3L SO-DIMM, 2 x GbE LAN, 1x PCIe x1, 6x COM, 1x
VGA, 1x HDMI, 5x USB 2.0 and 1x USB 3.0.
mITX-BYT reserves 1x PCIe x1 slot and 1x mPCIe slot, allowing users
to expand I/O capabilities, wireless network or other functional
enhancements.
mITX-BYT is a compact, high performance industrial motherboard
that is ideal for a variety of applications. In addition, an extended
temperature model is oered for this series allowing operation
under extreme high, low or radically fluctuating temperatures,
which is common in industrial environments.
VGA
GbE
USB 2.0 USB 3.0
GbE
BLOCK DIAGRAM
RS232/422/485
HDMI
RS232/422/485
USB 2.0
DC IN
Line-Out
Mic-In
Intel® Atom®
E3800 Series
& Celeron®
J1900 Series
Processors
1x VGA
Connector
VGA
6x COM
Port
1x LVDS
Connector
DP
LVDS
Super I/O
H/W Monitor
WDT
LPC
TPM
(optional)
Realtek
ALC888S
Audio Codec
DHA
Audio AMP
IS31AP2010B
2x Speaker
Out
Connector
2x DDR3L
SO-DIMM
Socket
DDR3L
1x USB 3.0
Connector
1x HDMI
Connector
HDMI
CEC
(optional)
Chrontel
CH7511B
SPI
SPI Flash
ROM
8-bit DIO
Connector
Line-In,
Line-Out and
Mic-In
USB 3.0
1x SATA
Connector
SATA
1x mSATA
Socket
4x USB 2.0
Connector
2x USB 2.0
2x USB 2.0
1x Mini-PCIe
Socket
CEC
SMBus
2x RJ45
Connector
SATA
1x mSATA
Socket
GPIO
1x Parallel
Port
CPU &
System FAN
USB2514B
USB 2.0 Hub
USB
2x Realtek
RTL8111H GbE
Controllers
PCIe
1x PCIe x1
Slot
PCIe
1x Mini-PCIe
Socket
1x USB 2.0
1x USB 2.0
1x SIM Card
Holder



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com