Electronic Components Datasheet Search
  English  ▼

X  

28840 Datasheet(PDF) 2 Page - Campbell Scientific United Kingdom

Part # 28840
Description  GPS Receiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

28840 Datasheet(HTML) 2 Page - Campbell Scientific United Kingdom

  28840 Datasheet HTML 1Page - Campbell Scientific United Kingdom 28840 Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
80 Hathern Road, Shepshed, LE12 9GX UK | +(0)1509 828888 | sales@campbellsci.co.uk | www.campbellsci.eu
UK | AUSTRALIA | BRAZIL | CANADA | CHINA | COSTA RICA | FRANCE | GERMANY | SE ASIA | SOUTH AFRICA | SPAIN | USA
© 2012
Campbell Scientific
November 2, 2016
Specifications
Ordering Information
GPS16X-HVS
GPS Receiver with antenna and 4.6m cable.
The cable terminates in pigtails that connect
directly to the control ports of a CR6, CR800,
CR850, CR1000 or CR3000.
GPS16-HVS Magnetic Mount (010467-001)
Magnetic Mount that allows the sensor to
be attached to a metallic surface.
CM225E Sensor Mount Stand
Can be used to mount the GPS-16X at any
point along a CM200 series mounting arm.
A300
Power and signal converter is needed to
connect the pulse-per-second (PPS) output
of a GPS16X-HVS to a CR800-series, CR1000,
or CR3000 datalogger. It is not needed with a
CR6 datalogger.
#28840 DB9FemaletoTerminalBlockwithHoodandHardwareKit
allows the sensor to be connected to a PC’s RS232 serial
port. The sensor needs to be connected to a PC to change
its default settings and options.
A200
Sensor-to-PC interface allows the sensor to be connected
to a PC’s USB port. The sensor needs to be connected to a
PC to change its default settings and options.
The GPS16X-HVS connects directly to COM port
pairs of a CR6, CR800, CR850, CR1000 (shown),
or CR3000 datalogger
*Changing the default settings or options requires a bare wire to RS-232 D connector (part 010376) and a PC running GPS16 software. Please specify the cable length
required. The software can be downloaded, at no charge, from the Garmin web site (www.garmin.com). It is also possible to make changes manually via the datalogger.
Receiver: WAAS/EGNOS enabled; 12 parallel channel GPS
receiver continuously tracks and uses up to 12 satellites
(up to 11 with PPS active) to compute and update the
position
Update Rate: Factory set to 1 s between updates;
programmable from 1 to 900 s*
PPS Output: 1 Hz pulse; 1 μs accuracy; width factory set to
100 ms*
Baud Rate: Factory set to 38400 bps*
Operating Temperature Range: -30° to 80°C
Storage Temperature Range: -40° to 80°C
Operating Voltage Range: 8 to 40 Vdc
Current Drain @ 12 Vdc: 65 mA active
Velocity Accuracy: 0.1 knot RMS steady state
Diameter: 9.1 cm (3.58 in)
Height: 4.2 cm (1.65 in)
Weight: 332 g (12 oz)
Acquisition Times
Reacquisition: < 2 s
Hot: ~1 s (all data known)
Warm: ~38 s (initial position, time and almanac known,
ephemeris unknown)
Cold: ~45 s
Position Accuracy (95% typical)
GPS Standard Positioning Service (SPS): < 15 m
DGPS (USCG/RTCM) Correction: 3 to 5 m
GPS (WAAS/EGNOS) Correction: < 3 m



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com