Electronic Components Datasheet Search
  English  ▼

X  

PT8146 Datasheet(PDF) 13 Page - Princeton Technology Corp

Part # PT8146
Description  8-Bit 12-Ch I/O DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT8146 Datasheet(HTML) 13 Page - Princeton Technology Corp

Back Button PT8146 Datasheet HTML 9Page - Princeton Technology Corp PT8146 Datasheet HTML 10Page - Princeton Technology Corp PT8146 Datasheet HTML 11Page - Princeton Technology Corp PT8146 Datasheet HTML 12Page - Princeton Technology Corp PT8146 Datasheet HTML 13Page - Princeton Technology Corp PT8146 Datasheet HTML 14Page - Princeton Technology Corp PT8146 Datasheet HTML 15Page - Princeton Technology Corp PT8146 Datasheet HTML 16Page - Princeton Technology Corp PT8146 Datasheet HTML 17Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT8146 V1.1
- 13 -
February, 2006
8-Bit 12-Ch I/O DAC
PT8146
AC CHARACTERISTICS
FOR OPERATION AT VCCD = 5.0 V
(VDD=VCCA=5.0V, Ta=-20 to +85℃)
Value
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Clock “L” level pulse width
tCKL
-
200
-
-
ns
Clock “H” level pulse width
tCKH
-
200
-
-
ns
Clock rise time
tCr
-
-
-
200
ns
Clock fall time
tCf
-
-
-
200
ns
Serial input setup time
tSSU
--
30
-
-
ns
Serial input hold time
tSHD
-
60
-
-
ns
Serial output delay time
tSOD
See “Load condition 1”
0
80
170
ns
CS input setup time
tCSU
-
100
-
-
ns
CS hold time
tCCH
-
200
-
-
ns
CS “H” level hold time
tCSH
-
100
-
-
ns
Data ouput enable time
tSO
-
-
-
200
ns
Data ouput float time
tSOZ
-
-
-
200
ns
Parallel input setup time
tPSU
-
30
-
-
ns
Parallel input hold time
tPHD
-
60
-
-
ns
Parallel ouput delay time
tPOD
See “Load condition 1”
-
100
170
ns
Analog output delay time
tAOD
See “Load condition 2”
-
30
100
µs
Power supply rise time
tR
-
-
-
50
ms
Power-on reset non-startup
power supply variation
∆VR
-
-10
-
10
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com