Electronic Components Datasheet Search
  English  ▼

X  

HA174 Datasheet(PDF) 1 Page - Texas Instruments

Part # HA174
Description  HEX D-TYPE FLIP-FLOPS WITH CLEAR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HA174 Datasheet(HTML) 1 Page - Texas Instruments

  HA174 Datasheet HTML 1Page - Texas Instruments HA174 Datasheet HTML 2Page - Texas Instruments HA174 Datasheet HTML 3Page - Texas Instruments HA174 Datasheet HTML 4Page - Texas Instruments HA174 Datasheet HTML 5Page - Texas Instruments HA174 Datasheet HTML 6Page - Texas Instruments HA174 Datasheet HTML 7Page - Texas Instruments HA174 Datasheet HTML 8Page - Texas Instruments HA174 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN54AHC174, SN74AHC174
HEX D-TYPE FLIP-FLOPS
WITH CLEAR
SCLS425F – JUNE 1998 – REVISED FEBRUARY 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Operating Range 2-V to 5.5-V VCC
D Contain Six Flip-Flops With Single-Rail
Outputs
D Applications Include:
– Buffer/Storage Registers
– Shift Registers
– Pattern Generators
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
description
The ’AHC174 devices are positive-edge-triggered
D-type flip-flops with a direct clear (CLR) input and
are designed for 2-V to 5.5-V VCC operation.
Information at the data (D) inputs that meets the
setup time requirements is transferred to the
outputs on the positive-going edge of the clock
(CLK) pulse. Clock triggering occurs at a
particular voltage level and is not directly related
to the transition time of the positive-going edge of
CLK. When CLK is at either the high or low level,
the D input has no effect at the output.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – N
Tube
SN74AHC174N
SN74AHC174N
SOIC – D
Tube
SN74AHC174D
AHC174
SOIC – D
Tape and reel
SN74AHC174DR
AHC174
–40
°C to 85°C
SOP – NS
Tube
SN74AHC174NSR
AHC174
SSOP – DB
Tape and reel
SN74AHC174DBR
HA174
TSSOP – PW
Tape and reel
SN74AHC174PWR
HA174
TVSOP – DGV
Tape and reel
SN74AHC174DGVR
HA174
CDIP – J
Tube
SNJ54AHC174J
SNJ54AHC174J
–55
°C to 125°C
CFP – W
Tube
SNJ54AHC174W
SNJ54AHC174W
LCCC – FK
Tube
SNJ54AHC174FK
SNJ54AHC174FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
SN54AHC174 ...J OR W PACKAGE
SN74AHC174 . . . D, DB, DGV, N, NS, OR PW PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
6D
5D
NC
5Q
4D
1D
2D
NC
2Q
3D
SN54AHC174 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLR
1Q
1D
2D
2Q
3D
3Q
GND
VCC
6Q
6D
5D
5Q
4D
4Q
CLK
NC – No internal connection
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Copyright
 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - HA174

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17408P HITACHI-HA17408P Datasheet
22Kb / 4P
8-Bit Multiplying Digital-to-Analog Converter
HA17431 HITACHI-HA17431 Datasheet
236Kb / 26P
Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
logo
Renesas Technology Corp
HA17431 RENESAS-HA17431 Datasheet
246Kb / 20P
Shunt Regulato
logo
Hitachi Semiconductor
HA17431FP HITACHI-HA17431FP Datasheet
236Kb / 26P
Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
logo
Renesas Technology Corp
HA17431FP RENESAS-HA17431FP Datasheet
246Kb / 20P
Shunt Regulato
More results

Similar Description - HA174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT174 TI-SN54AHCT174 Datasheet
101Kb / 6P
HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC174 TI-SN54HC174 Datasheet
92Kb / 6P
HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV174A TI-SN54LV174A Datasheet
146Kb / 7P
HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC174 FAIRCHILD-MM74HC174 Datasheet
72Kb / 7P
Hex D-Type Flip-Flops with Clear
logo
Hitachi Semiconductor
HD74HC174 HITACHI-HD74HC174 Datasheet
51Kb / 9P
Hex D-type Flip-Flops (with Clear)
HD74LV174A HITACHI-HD74LV174A Datasheet
64Kb / 15P
Hex D-type Flip-Flops with Clear
logo
Texas Instruments
SN54LV174 TI-SN54LV174 Datasheet
155Kb / 8P
HEX D-TYPE FLIP-FLOPS WITH CLEAR
CD54ACT174 TI-CD54ACT174 Datasheet
316Kb / 10P
HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Renesas Technology Corp
HD74HC174 RENESAS-HD74HC174 Datasheet
100Kb / 8P
Hex D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54AHCT174 TI1-SN54AHCT174_15 Datasheet
775Kb / 17P
HEX D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com