Electronic Components Datasheet Search
  English  ▼

X  

D8259 Datasheet(PDF) 2 Page - Digital Core Design

Part # D8259
Description  Programmable Interrupt Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

D8259 Datasheet(HTML) 2 Page - Digital Core Design

  D8259 Datasheet HTML 1Page - Digital Core Design D8259 Datasheet HTML 2Page - Digital Core Design D8259 Datasheet HTML 3Page - Digital Core Design D8259 Datasheet HTML 4Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
♦
◊
◊
◊
♦
◊
◊
◊
♦
◊
◊
◊
♦
♦
♦
◊
◊
http://www.DigitalCoreDesign.com
http://www.dcd.pl
DELIVERABLES
Source code:
VHDL Source Code or/and
VERILOG Source Code or/and
Encrypted, or plain text EDIF netlist
VHDL & VERILOG test bench environ-
ment
Active-HDL automatic simulation mac-
ros
ModelSim automatic simulation macros
Tests with reference responses
Technical documentation
Installation notes
HDL core specification
Datasheet
Synthesis scripts
Example application
Technical support
IP Core implementation support
3 months maintenance
●
Delivery the IP Core updates, mi-
nor and major versions changes
●
Delivery the documentation up-
dates
●
Phone & email support
LICENSING
Comprehensible and clearly defined licensing
methods without royalty fees make using of
IP Core easy and simply.
Single Design
license allows use IP Core in
single FPGA bitstream and ASIC implemen-
tation.
Unlimited Designs, One Year
licenses allow
use IP Core in unlimited number of FPGA
bitstreams and ASIC implementations.
In all cases number of IP Core instantiations
within a design, and number of manufactured
chips are unlimited. There is no time restric-
tion except One Year license where time of
use is limited to 12 months.
●
○
Single Design license for
VHDL, Verilog source code called HDL
Source
○
Encrypted, or plain text EDIF called Netlist
●
○
●
○
○
●
○
○
One Year license for
Encrypted Netlist only
Unlimited Designs license for
HDL Source
Netlist
Upgrade from
HDL Source to Netlist
Single Design to Unlimited Designs
SYMBOL
datai(7:0)
a0
cs
rd
wr
datao(7:0)
dbe
int
ir(7:0)
inta
rst
caso(2:0)
case
casi(2:0)
en
sp
PINS DESCRIPTI O N
PIN
TYPE
DESCRIPTION
rst
input Power-up reset
datai(7:0)
input Data bus (input)
a0
input Processor address line
cs
input Chip select
rd
input Read strobe
wr
input Write strobe
ir(7:0)
input Interrupt request lines
inta
input Interrupt acknowledge
casi(2:0)
input Cascade input lines
sp
input Slave program input
datao(7:0) output Data bus (output)
dbe
output Data bus output enable
int
output Interrupt request output
caso(2:0)
output Cascade output lines
case
output Cascade output enable
en
output Buffer transceiver enable



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com