Electronic Components Datasheet Search
  English  ▼

X  

MSP8040 Datasheet(PDF) 2 Page - Kontron

Part # MSP8040
Description  MODULAR SERVER WITH PCIE EXPANSION SLOT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

MSP8040 Datasheet(HTML) 2 Page - Kontron

  MSP8040 Datasheet HTML 1Page - Kontron MSP8040 Datasheet HTML 2Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE, MIDDLE EAST
& AFRICA
Lise-Meitner-Str. 3-5
86156 Augsburg
Germany
Tel.: + 49 821 4086-0
Fax: + 49 821 4086-111
info@kontron.com
CORPORATE OFFICES
ASIA PACIFIC
1~2F, 10 Building, No. 8 Liangshuihe 2nd Street,
Economical & Techonological Development Zone,
Beijing, 100176, P.R. China
Tel.: + 86 10 63751188
Fax: + 86 10 83682438
info@kontron.cn
NORTH AMERICA
9477 Waples Street
San Diego, CA 92121
USA
Tel.: + 1 888 294 4558
Fax: + 1 858 677 0898
info@us.kontron.com
KONTRON CANADA
4555 Ambroise-LaFortune
Boisbriand, QC
Canada J7H 0A4
Tel.: + 1 450 437-5682
Tel: + 1 800-387-4223
The MSP8040 Series is a key modular server within an MS29xx
Series platform that enables the mixing and matching of
various hardware technologies, required for intelligent edge
computing services.
Kontron and Intel have designed the optimal solution
that supports the deployment of applications at
the intelligent edge.
MODULAR SERVERS THAT
ENABLE AND FACILITATE
THE DEPLOYMENT OF
APPLICATIONS AT THE
INTELLIGENT EDGE
MAXIMIZE RACK SPACE
SCALE CLUSTERS/RACKS
EFFICIENTLY SAVE ENERGY
COSTS ON IT/INFRASTRUCTURE
SIMPLIFY PLATFORM MANAGEMENT
ASK ABOUT SYMLAB
A SECURED REMOTE
ACCESS EVALUATION LAB
WWW.SYMKLOUD.COM
+1 800 387 4223
CLOUDPLATFORMSOLUTIONS@KONTRON.COM
Designed by
Processor
MSP8040: Xeon D-1527, 4 Cores @ 2.2 Ghz
MSP8041: Xeon D-1548, 8 Cores @ 2.0 Ghz
MSP8042: Xeon D-1577, 16 Cores @ 1.3 Ghz
MSP8043: Xeon D-1559, 12 Cores @ 1.5 Ghz
Memory
4x DDR4 DIMM sockets, 2 channels @ 2.4 Ghz
Total 128GB using 32GB VLP RDIMMs
Storage
Single M.2 for up to 240GB, more via expansion options
I/O
Two 1 Gbps Ethernet (Control plane)
Two 10 Gigabit Ethernet Fabric Interface (Data Plane)
Expansion Options
Dual 15mm 2.5” SATA HDD or 2.5” SATA SSD
*Support for standard HHHL PCIe x16 card
System Management
IPMI v2.0, Extensive sensors monitoring and event generation on thresholds. IPMI over LAN
Power
Approx. 125W 12V
Support
Managed Life Support (5-7 years)
Availability
Status: Full Production
Leadtime, forecasted or samples: 2 – 4 weeks.
PRODUCT FEATURES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com