Electronic Components Datasheet Search
  English  ▼

X  

PIXTEND-EIO Datasheet(PDF) 2 Page - Kontron

Part # PIXTEND-EIO
Description  PiXtend® eIO – Fast, reliable and connection friendly
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

PIXTEND-EIO Datasheet(HTML) 2 Page - Kontron

  PIXTEND-EIO Datasheet HTML 1Page - Kontron PIXTEND-EIO Datasheet HTML 2Page - Kontron PIXTEND-EIO Datasheet HTML 3Page - Kontron PIXTEND-EIO Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.kontron-electronics.com
PiXtend® eIO
Client Benefits
* Industrial outputs, 8x HighSide switch, 2-group feed,
fully protected
* Watchdog timer for data transmission monitoring, secured
via CRC checksum. Where required, outputs can be set to an
adjustable safe state if required
Applications
* Mechanical engineering controller
* Plant engineering controller
PiXtend® eIO is the I/O expansion system for standard digital and
analog
inputs
and
outputs
and
acts
as
an
ideal
complement to our PiXtend® V2 controller. Thanks to ultra-fast
HyperLogic,
simple,
logical
links
between
inputs
and
outputs can be implemented by the modules themselves,
eliminating the need to transmit data via the bus system. The digital
inputs can be used to count events, meaning that this process does
not have to be implemented via software.
The devices are connected via robust RS485 bus. Modbus RTU
support lets you easily integrate eIO devices with existing
systems. PiXtend® eIO: Simple and user-friendly communication
and protocols!
Technical Information
Product Highlights
FUNCTION
PiXtend® eIO DIGITAL ONE
PiXtend® eIO ANALOG ONE
HARDWARE
POWER SUPPLY
COMMUNICATION
DIGITAL INPUTS(DI)
INCL. COUNTING FUNCTION
DIGITAL OUTPUTS (DO)
ANALOG VOLTAGE INPUTS (AI-U)
ANALOG CURRENT INPUTS (AI-I)
ANALOG VOLTAGE OUTPUTS (AO-U)
ANALOG CURRENT OUTPUTS (AO-I)
WIRE-BREAK DETECTION
TEMPERATURE RANGE
DIMENSIONS - WITHOUT HOUSING (BASIC)
DIMENSIONS - WITH HOUSING (PRO)
FORM FACTOR
CONFORMITY
PiXtend®-COMPATIBILITY
BAUD RATE
24 V DC ±20 %
EIA/RS485, halbduplex (2-wire)
8x 3,3/5/12/24 V
8x 0.5 A, 5/12/24 V, HyperLogic <1 ms
-
-
-
-
-
0 °C...+60 °C
96.3 x 101.8 x 21 mm
106 x 105 x 45 mm
Aluminium housing for mounting on
mounting rail
CE, RoHS, Modbus, IEC 61131-2
(SPS-norm)
direct: V2-L-, V2-S- with USB-RS485
Dongle
from 2400 to 230400,
parity: none, even or uneven
24 V DC ±20 %
EIA/RS485, halbduplex (2-wire)
-
-
4x 0...5 V/0...10 V, 10 Bit
4x 0...20 mA, 10 Bit
4x 0...10 V, 12 Bit
2x 0...20 mA, 12 Bit
bei 0...20 mA outputs
0 °C...+60 °C
96.3 x 101.8 x 21 mm
106 x 105 x 45 mm
Aluminium housing for mounting on
mounting rail
CE, RoHS, Modbus, IEC 61131-2
(SPS-norm)
direct: V2-L-, V2-S- with USB-RS485
Dongle
from 2400 to 230400,
parity: none, even or uneven
SOFTWARE
SUPPORTED PROTOCOLS
FAST DIGITAL LOGIC “HYPERLOGIC”
SECURITY
SUPPORT FOR
Modbus RTU,
PiXtend® eIO ASCII Protocol
Available
Watchdog-Timer, CRC-checksum,
Parity-Check
CODESYS® V3, Java, C, C++, C#,
Phyton, FHEM, Node-RED
Modbus RTU,
PiXtend® eIO ASCII Protocol
-
Watchdog-Timer, CRC-checksum,
Parity-Check
CODESYS® V3, Java, C, C++, C#,
Phyton, FHEM, Node-RED



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com