Electronic Components Datasheet Search
  English  ▼

X  

123A Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 123A
Description  3.6V/400mAh
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

123A Datasheet(HTML) 1 Page - DB Lectro Inc

  123A Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.6V/400mAh
123A(17335)
 Dimensions in mm(not to scale):
 Specifications
Item
Characteristics
Rated capacity
400mAh (0.2C Discharge)
Nominal voltage
3.60V
Internal impedance (1KHz)
≤250mΩ
Max Charge Current
400mA
Charge Limit Voltage
4.25V
Standard Charge
About 8h
0.5C
Charge
Quick Charge
About 2.5h
1C
Max Discharge Current
800mA
Discharge
Terminal Voltage
2.75V
Cycle Life
300 times
1C discharge
Dimension (mm)
Φ16.7*33.8
Weight
16.4±0.5g
Charge
0~45℃
Operation
temp
Discharge
-20~+60℃
<2 months
-20~+45℃
Storage
tempp
>6 months
-20~+35℃
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - 123A

ManufacturerPart #DatasheetDescription
logo
ATTEND Technology Inc.
123A ATTEND-123A Datasheet
349Kb / 5P
M.2 Socket, H2.1 A Key 0.5 Pitch G/F, Black, Reel
2019/12/06
123A-21A00 ATTEND-123A-21A00 Datasheet
349Kb / 5P
M.2 Socket, H2.1 A Key 0.5 Pitch G/F, Black, Reel
2019/12/06
123A-21B00 ATTEND-123A-21B00 Datasheet
349Kb / 5P
M.2 Socket, H2.1 A Key 0.5 Pitch G/F, Black, Reel
2019/12/06
123A-21E00 ATTEND-123A-21E00 Datasheet
349Kb / 5P
M.2 Socket, H2.1 A Key 0.5 Pitch G/F, Black, Reel
2019/12/06
123A-21M00 ATTEND-123A-21M00 Datasheet
349Kb / 5P
M.2 Socket, H2.1 A Key 0.5 Pitch G/F, Black, Reel
2019/12/06
More results

Similar Description - 123A

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
LIR123A DBLECTRO-LIR123A Datasheet
212Kb / 1P
3.3V/400mAh
logo
Freescale Semiconductor...
MMA8453QT FREESCALE-MMA8453QT Datasheet
1Mb / 47P
1.95V to 3.6V supply voltage, 1.6V to 3.6V interface voltage
logo
Elite Semiconductor Mem...
F25L08QA-2S ESMT-F25L08QA-2S Datasheet
361Kb / 43P
Single supply voltage 2.7~3.6V
F25L32QA-2S ESMT-F25L32QA-2S Datasheet
416Kb / 51P
Single supply voltage 2.65~3.6V
F59L1G81A ESMT-F59L1G81A Datasheet
1Mb / 35P
Voltage Supply: 2.6V ~ 3.6V
F59L1G81MA ESMT-F59L1G81MA Datasheet
1Mb / 44P
Voltage Supply: 3.3V (2.7V~3.6V)
logo
Extech Instruments Corp...
BATT-36V-C EXTECH-BATT-36V-C Datasheet
109Kb / 1P
3.6V Lithium Battery (C-Size)
logo
Golledge Electronics Lt...
GTXO-203T GOLLEDGE-GTXO-203T Datasheet
583Kb / 5P
1.8V ~ 3.6V SM TCXO
GTXO-203V GOLLEDGE-GTXO-203V Datasheet
584Kb / 5P
1.8V ~ 3.6V SM VCTCXO
logo
Maxim Integrated Produc...
MAX40025EVKIT MAXIM-MAX40025EVKIT Datasheet
495Kb / 8P
Supply Voltage 2.7V to 3.6V
319-100306; Rev 3; 5/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com